Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 34 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 34 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 30Page - Integrated Device Technology TSI721 Datasheet HTML 31Page - Integrated Device Technology TSI721 Datasheet HTML 32Page - Integrated Device Technology TSI721 Datasheet HTML 33Page - Integrated Device Technology TSI721 Datasheet HTML 34Page - Integrated Device Technology TSI721 Datasheet HTML 35Page - Integrated Device Technology TSI721 Datasheet HTML 36Page - Integrated Device Technology TSI721 Datasheet HTML 37Page - Integrated Device Technology TSI721 Datasheet HTML 38Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
34
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
TRX-DJ-DD-CC
Maximum Rx inherent
deterministic timing error
N/A
-
-
0.30
UI
Maximum Rx inherent deterministic
timing error for common Refclk Rx
architecture. See Note 2.
TRX-DJ-DD-DC
Maximum Rx inherent
deterministic timing error
N/A
-
-
0.24
UI
Maximum Rx inherent deterministic
timing error for data clocked Rx
architecture. See Note 2.
TRX-EYE-MEDIAN
-to-MAX-JITTER
Maximum time delta
between median and
deviation from median
-
0.3
Not specified
UI
Only specified for 2.5 Gbps
TRX-MIN-PULSE Minimum width pulse at
Rx
Not specified
0.6
-
UI
Measured to account for worst Tj at
10-12 BER. See Figure 4-29 of PCI
Express Base Specification (Rev. 2.1)
VRX-MAX-MIN-RA
TIO
Minimum/Maximum pulse
voltage on consecutive UI
Not specified
-
5
--
Rx eye must simultaneously meet
VRX-EYE limits.
BWRX-PLL-HI
Maximum Rx PLL
bandwidth
-
22
-
16
MHz
Second order PLL jitter transfer
bounding function. See Note 3.
BWRX-PLL-LO-3D
B
Minimum Rx PLL BW for
3 dB peaking
1.5
-
8
-
MHz
Second order PLL jitter transfer
bounding function. See Note 3.
BWRX-PLL-LO-1D
B
Minimum Rx PLL BW for
1dB peaking
Not specified
5
-
MHz
Second order PLL jitter transfer
bounding function. See Note 3.
PKGRX-PLL1
Rx PLL peaking with
8Mhz minimum BW
Not specified
3.0
-
dB
Second order PLL jitter transfer
bounding function. See Note 3.
PKGRX-PLL2
Rx PLL peaking with
5MHz minimum BW
Not specified
1.0
-
dB
Second order PLL jitter transfer
bounding function. See Note 3.
RLRX-DIFF
Rx package plus Si
differential return loss
10
-
10 for
0.05-1.25
GHz
8 for
1.25-2.5
GHz
-
dB
See Figure 4-39 of PCI Express Base
Specification (Rev. 2.1) and Note 4.
RLRX-CM
Common mode Rx return
loss
6
-
6 (min.)
-
dB
See Figure 4-39 of PCI Express Base
Specification (Rev. 2.1) and Note 4.
ZRX-DC
Receiver DC common
mode impedance
40
60
40
60
W
DC impedance limits are needed to
guarantee Receiver detect. See Note 5.
ZRX-DIFF-DC
DC differential impedance
80
120
Not specified
W
For 5.0 Gbps covered under RLRX-DIFF
parameter. See Note 5.
VRX-CM-AC-P
Rx AC common mode
voltage
-
150
-
150
mVP
Measured at Rx pins into a pair of 50

termination into ground. See Note 6.
Table 18: PCIe Differential Receiver Specifications (Continued)
Symbol
Parameter
2.5 Gbps
5.0 Gbps
Unit
Notes
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com