Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 41 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 41 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 37Page - Integrated Device Technology TSI721 Datasheet HTML 38Page - Integrated Device Technology TSI721 Datasheet HTML 39Page - Integrated Device Technology TSI721 Datasheet HTML 40Page - Integrated Device Technology TSI721 Datasheet HTML 41Page - Integrated Device Technology TSI721 Datasheet HTML 42Page - Integrated Device Technology TSI721 Datasheet HTML 43Page - Integrated Device Technology TSI721 Datasheet HTML 44Page - Integrated Device Technology TSI721 Datasheet HTML 45Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
41
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
The Level I long run defines a transmitter and receiver that use larger voltage swings and channel equalization that allows a
user to drive signals across two connectors and backplanes.
The two transmitter specifications allows for a medium run specification that also uses larger voltage swings that can drive
signals across a backplane but simplifies the receiver requirements to minimize power and complexity. This option has been
included to allow the system integrator to deploy links that take advantage of either channel materials and/or construction
techniques that reduce channel loss to achieve lower power systems.
All unit intervals are specified with a tolerance of ±100 ppm. The worst case frequency difference between any transmit and
receive clock is 200 ppm.
The electrical specifications are based on loss, jitter, and channel cross-talk budgets and defines the characteristics required to
communicate between a transmitter and a receiver using nominally 100 Ohm differential copper signal traces on a printed
circuit board. Rather than specifying materials, channel components, or configurations, this specification focuses on effective
channel characteristics. Therefore, a short length of poorer material should be equivalent to a longer length of premium
material. A 'length' is effectively defined in terms of its attenuation rather than physical distance.
3.7.3.2
Definition of Amplitude and Swing
LP-Serial links use differential signaling. This section defines the terms used in the description and specification of these
differential signals. Figure 6 shows how these signals are defined and sets out the relationship between absolute and
differential voltage amplitude. The figure shows waveforms for either the transmitter output (TD and TD_N) or a receiver input
(RD and RD_N).
Figure 6: S-RIO Definition of Transmitter Amplitude and Swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com