Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 51 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 51 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 47Page - Integrated Device Technology TSI721 Datasheet HTML 48Page - Integrated Device Technology TSI721 Datasheet HTML 49Page - Integrated Device Technology TSI721 Datasheet HTML 50Page - Integrated Device Technology TSI721 Datasheet HTML 51Page - Integrated Device Technology TSI721 Datasheet HTML 52Page - Integrated Device Technology TSI721 Datasheet HTML 53Page - Integrated Device Technology TSI721 Datasheet HTML 54Page - Integrated Device Technology TSI721 Datasheet HTML 55Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
51
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
3.7.4.3.2
Level II Short Run Transmitter Specifications
1. For all Load Types: R_Rdin = 100 Ohm + 20 Ohm. For Vcm definition, see Figure 6.
Table 26: Level II Short Run Transmitter Output Electrical Specifications
Characteristic
Symbol
Reference
Minimum
Typical
Maximum
Units
Baud rate (5 Gbps)
T_Baud
Section
10.3.2.1.2
5.00
-0.01%
5.00
5.00
+0.01%
Gbps
Absolute output voltage
VO
Section
10.3.2.1.3
-0.40
-
2.30
Volts
Output differential voltage
(into floating load Rload = 100 Ohm)
T_Vdiff
Section
10.3.2.1.3
400
-
750
mVppd
Differential resistance
T_Rd
Section
10.3.2.1.6
80
100
120
Ohm
Recommended output rise and fall
times (20% to 80%)
T_tr, T_tf
Section
10.3.2.1.4
30
-
-
ps
Differential output return loss
(100 MHz to 0.5 *T_Baud)
T_SDD22
Section
10.3.2.1.6
--
-8
dB
Differential output return loss
(0.5*T_Baud to T_Baud)
---
dB
Common mode return loss
(100 MHz to 0.75 *T_Baud)
T_TCC22
Section
10.3.2.1.6
--
-6
dB
Transmitter common mode noise
T_Ncm
-
-
-
5% of
T_Vdiff
mVppd
Output common mode voltage
T_Vcm
Load Type
01,2,3,4
Section
8.5.3
0.0
-
1.8
V
Load Type
11,3,4,6
Section
8.5.3
735
-
1135
mV
Load Type
21,3,4
Section
8.5.3
550
-
1060
mV
Load Type
31,3,4,5
Section
8.5.3
490
-
850
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com