Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # TSI721
Description  This document uses the following conventions
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI721 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button TSI721 Datasheet HTML 35Page - Integrated Device Technology TSI721 Datasheet HTML 36Page - Integrated Device Technology TSI721 Datasheet HTML 37Page - Integrated Device Technology TSI721 Datasheet HTML 38Page - Integrated Device Technology TSI721 Datasheet HTML 39Page - Integrated Device Technology TSI721 Datasheet HTML 40Page - Integrated Device Technology TSI721 Datasheet HTML 41Page - Integrated Device Technology TSI721 Datasheet HTML 42Page - Integrated Device Technology TSI721 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
3. Electrical Characteristics > AC Timing Specifications
Tsi721 Datasheet
39
May 5, 2014
Formal Status
This document is confidential and is subject to an NDA.
Integrated Device Technology
1. SSC permits a +0, -5000 ppm modulation on the clock frequency at a modulation rate not to exceed 33 kHz.
2. Measurements at 5.0 Gbps require an oscilloscope with a bandwidth of >= 12.5 GHz, or equivalent, while measurements
made at 2.5 Gbps require a scope with at least 6.2 GHz of bandwidth. Measurements at 5.0 Gbps must deconvolve effects
of compliance test board to produce an effective measurement at Tx pins. 2.5 Gbps may be measured within 200 mils of Tx
device’s pins, although deconvolution is recommended. For measurement setup information, refer to Figure 4-23 and Figure
4-24 of PCI Express Base Specification (Rev. 2.1). At least 106 UI of data must be acquired.
3. Transmitter jitter is measured by driving the Transmitter under test with a low jitter “ideal” clock and connecting the DUT to
a reference load.
4. Transmitter raw jitter data must be convolved with a filtering function that represents the worst case CDR tracking BW.
2.5 Gbps use different filter functions that are defined in Figure 4-21 of PCI Express Base Specification (Rev. 2.1). After the
convolution process has been applied, the center of the resulting eye must be determined and used as a reference point for
obtaining eye voltage and margins.
5. VTX-AC-CM-PP and VTX-AC-CM-P are defined in Section 4.3.3.7 of PCI Express Base Specification (Rev. 2.1).
Measurement is made over at least 106 UI.
6. The Tx PLL Bandwidth must lie between the minimum and maximum ranges displayed in the table. PLL peaking must lie
below the value listed. Note: the PLL B/W extends from zero up to the value(s) specified in the table.
7. Measurements are made for both common mode and differential return loss. The DUT must be powered up and DC isolated,
and its data+/data- outputs must be in the low-Z state at a static value.
TTX-IDLE-SET-TO
-IDLE
Maximum time to
transition to a valid
electrical idle after
sending an EIOS
-
8
-
8
ns
After sending the required numbers of
EIOSs, the Transmitter must meet all
Electrical Idle specifications within this
time. This is measured from the end of
the last UI of the last EIOS to the
Transmitter in Electrical Idle.
TTX-IDLE-SET-TO
-DIFF-DATA
Maximum time to
transition to valid
differential signaling after
leaving electrical idle
-
8
-
8
ns
Maximum time to transition to valid
differential signaling after leaving
Electrical Idle. This is considered a
de-bounce time to the Tx.
TCROSSLINK
Crosslink random timeout
-
1
-
1
ms
This random timeout helps resolve
conflicts in the crosslink configuration.
LTX-SKEW
Lane-to-lane output skew
-
500 ps
+ 2 UI
-
500 ps
+ 2 UI
ps
Between any two Lanes within a single
Transmitter.
CTX
AC coupling capacitor
75
200
75
200
nF
All Transmitters must be AC coupled.
The AC coupling is required either within
the media or within the transmitting
component itself.
Table 19: PCIe Differential Transmitter Specifications (Continued)
Symbol
Parameter
2.5 Gbps
5.0 Gbps
Unit
Notes
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com