Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8235A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 2Page - Seiko Instruments Inc S8235A Datasheet HTML 3Page - Seiko Instruments Inc S8235A Datasheet HTML 4Page - Seiko Instruments Inc S8235A Datasheet HTML 5Page - Seiko Instruments Inc S8235A Datasheet HTML 6Page - Seiko Instruments Inc S8235A Datasheet HTML 7Page - Seiko Instruments Inc S8235A Datasheet HTML 8Page - Seiko Instruments Inc S8235A Datasheet HTML 9Page - Seiko Instruments Inc S8235A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8235A Series
Rev.1.5_00
Seiko Instruments Inc.
6
Electrical Characteristics
Table 5
(Ta =
+25°C, VDS = VDD − VSS = V1 + V2 + V3 + V4 + V5, unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Detection Voltage
Overcharge detection
voltage n
(n = 1, 2, 3, 4, 5)
VCUn
−
VCU
− 0.020
VCU
VCU
+ 0.020
V
Ta =
−5°C ~ +55°C
*1
VCU
− 0.030
VCU
VCU
+ 0.030
V
Overcharge hysteresis
voltage n
(n = 1, 2, 3, 4, 5)
VHCn
−550 mV ≤ VHC ≤ −300 mV
VHC
× 0.8
VHC
VHC
× 1.2
V
−250 mV ≤ VHC ≤ −100 mV
VHC
− 0.050
VHC
VHC
+ 0.050
V
VHC =
−50 mV, 0 mV
VHC
− 0.025
VHC
VHC
+ 0.025
V
Input Voltage
Operation voltage between
VDD pin and NPI pin
VDNOP
−
6
−
24
V
CLKI pin voltage "H"
VCLKIH
VDN = 17.5 V
VNPI
+ 0.5
−
−
V
CLKI pin voltage "L"
VCLKIL
VDN = 17.5 V
−
−
VNPI
+ 0.05
V
RSTI pin voltage "H"
VRSTIH
VDN = 17.5 V
VNPI
+ 0.5
−
−
V
RSTI pin voltage "L"
VRSTIL
VDN = 17.5 V
−
−
VNPI
+ 0.05
V
CAI pin voltage "H"
VCAIH
VDN = 17.5 V
VDD
− 0.05
−
−
V
CAI pin voltage "L"
VCAIL
VDN = 17.5 V
−
−
VDD
− 0.5
V
CTL pin voltage "H"
VCTLH
VDN = 17.5 V
VDD
− 0.05
−
−
V
CTL pin voltage "L"
VCTLL
VDN = 17.5 V
−
−
VDD
− 0.5
V
Input Current
Current consumption
during operation
IOPE
V1 = V2 = V3 = V4 = V5 = VCU
− 1.0 V
−
5
10
μA
Current consumption
during overdischarge
IOPED
V1 = V2 = V3 = V4 = V5 = 2.3 V
−
4
8
μA
VCn pin current
(n = 1, 2, 3, 4, 5)
IVCn
V1 = V2 = V3 = V4 = V5 = VCU
− 1.0 V
−1.0
0
1.0
μA
VCn pin pull-down current
(n = 2, 3)
IVCLn
V1 = V2 = V3 = V4 = V5 = VCU
− 1.0 V
0.9
1.0
1.1
mA
Ta =
−40°C ~ +85°C
*1
0.7
1.0
1.3
mA
VCn pin pull-up current
(n = 3, 4, 5)
IVCHn
V1 = V2 = V3 = V4 = V5 = VCU
− 1.0 V
−1.1
−1.0
−0.9
mA
Ta =
−40°C ~ +85°C
*1
−1.3
−1.0
−0.7
mA
CLKI pin current "H"
ICLKIH
−
3.0
10
20
μA
CLKI pin current "L"
ICLKIL
−
−1.0
−0.7
−0.4
μA
RSTI pin current "H"
IRSTIH
−
3.0
10
20
μA
RSTI pin current "L"
IRSTIL
−
−1.0
−0.7
−0.4
μA
CAI pin current "H"
ICAIH
−
0.4
0.7
1.0
μA
CAI pin current "L"
ICAIL
−
−20
−10
−3.0
μA
CTL pin current "H"
ICTLH
−
0.4
0.7
1.0
μA
CTL pin current "L"
ICTLL
−
−20
−10
−3.0
μA
Output Current
CO pin source current
ICOH
−
−
−
−20
μA
CO pin sink current
ICOL
−
400
−
−
μA
CAO pin source current
ICAOH
−
−
−
−10
μA
CAO pin sink current
ICAOL
−
10
−
−
μA
RSTO pin source current
IRSTOH
−
−
−
−10
μA
RSTO pin sink current
IRSTOL
−
10
−
−
μA
CLKO pin source current
ICLKOH
−
−
−
−10
μA
CLKO pin sink current
ICLKOL
−
10
−
−
μA
Delay Time
Overcharge detection delay
time
tCU
−
tCU
× 0.8
tCU
tCU
× 1.2
s
Overcharge timer reset delay
time
tTR
−
6
12
20
ms
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com