Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8235A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 9Page - Seiko Instruments Inc S8235A Datasheet HTML 10Page - Seiko Instruments Inc S8235A Datasheet HTML 11Page - Seiko Instruments Inc S8235A Datasheet HTML 12Page - Seiko Instruments Inc S8235A Datasheet HTML 13Page - Seiko Instruments Inc S8235A Datasheet HTML 14Page - Seiko Instruments Inc S8235A Datasheet HTML 15Page - Seiko Instruments Inc S8235A Datasheet HTML 16Page - Seiko Instruments Inc S8235A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.5_00
S-8235A Series
Seiko Instruments Inc.
13
Self-test Function
The S-8235A Series has a self-test function to confirm overcharge detection operation.
Due to the self-test function, a current flows in an external resistor, the voltage between voltage monitoring pins expands,
and then the S-8235A Series spuriously becomes overcharge status (Refer to Figure 8). IVCLn or IVCHn flows in RVCn during
the self-test operation. Since the S-8235A Series detects overcharge when the voltage between voltage monitoring pins
exceeds overcharge detection voltage n (VCUn), it is possible to confirm whether the S-8235A Series normally detects the
overcharge or not by monitoring the CO pin output signal.
VC1
VC2
+
−
CO
RVC2
V1 (
< VCU1)
V1
+ IVCL2 × RVC2 (≥ VCU1)
IVCL2
"H"
RVC1
V2
Figure 8 Self-test Operation between VC1 Pin and VC2 Pin
When not using the self-test function, short-circuit the CLKI pin and the VDD pin, the RSTI pin and the VDD pin via a
resistor of 1 k
Ω, respectively. And short-circuit the CAI pin and the NPI pin via a resistor of 1 kΩ.
1. Self-test operation at the time of cascade connection
The S-8235A Series devices can be connected in cascade.
By connecting as shown in Figure 7, the S-8235A Series protects 6-serial or more cells lithium-ion rechargeable battery
pack.
At the time of cascade connection, the CO pin output signal for upper device of the S-8235A Series is transmitted by
connecting the CO pin and the CTL pin, and is output from the CO pin at the lower device. Therefore, it is possible to
confirm whether all devices of the S-8235A Series normally detects the overcharge or not by monitoring the CO pin
output signal for the lowest device of the S-8235A Series.
On the other hand, the CAO pin output signal for the upper device of the S-8235A Series is transmitted by connecting
the CAO pin and the CAI pin, and is output from the CAO pin at the lower device. Therefore, it is possible to confirm
which device of the S-8235A Series is in a self-test operation by monitoring the CAO pin output signal for the lowest
device of the S-8235A Series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com