Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8235A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 7Page - Seiko Instruments Inc S8235A Datasheet HTML 8Page - Seiko Instruments Inc S8235A Datasheet HTML 9Page - Seiko Instruments Inc S8235A Datasheet HTML 10Page - Seiko Instruments Inc S8235A Datasheet HTML 11Page - Seiko Instruments Inc S8235A Datasheet HTML 12Page - Seiko Instruments Inc S8235A Datasheet HTML 13Page - Seiko Instruments Inc S8235A Datasheet HTML 14Page - Seiko Instruments Inc S8235A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.5_00
S-8235A Series
Seiko Instruments Inc.
11
3. Overcharge timer reset function
The S-8235A Series has an overcharge timer reset function.
If overcharge release noise which temporarily falls below overcharge detection voltage n (VCUn) is input during
overcharge detection delay time (tCU) from when the voltage of one of the batteries during a charging operation exceeds
VCUn until when charging is stopped, tCU is continuously counted if the time of overcharge release noise is shorter than
overcharge timer reset delay time (tTR). On the other hand, under the same status, if the time of overcharge release
noise is tTR or longer, counting of tCU is reset once. After that, when VCUn is exceeded, counting tCU resumes.
VCUn
Battery voltage
CO pin
tCU
VHCn
tCU or
shorter
tTR
tTR or
shorter
Timer reset
tTR or
longer
(n = 1 to 5)
tTR or
shorter
Figure 6 Overcharge Timer Reset Operation
4. Status of pins
The status of pins for the S-8235A Series is shown in Table 6.
When inputting "H" to the CTL pin, the CO pin outputs "H" in 1.0 ms typ. at normal status, and maintains "H" at
overcharge status. Each of the RSTO pin, the CLKO pin, and the CAO pin outputs a signal in 1.0 ms typ. from inputting.
When performing a self-test operation, input "L" to the RSTI pin. Refer to " Self-test Function" for the self-test
operation.
Table 6
I/O
Symbol
Normal Operation
Self-test Operation
Input
RSTI
"H"
"L"
CTL
"H"
"L"
"H"
"L"
CLKI
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
CAI
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
"H"
"L"
Output
CO
"H"
"L" (Normal status) /
"H" (Overcharge status)
"H"
"L" (Normal status) /
"H" (Overcharge status)
RSTO
"H"
Refer to "2. RSTO pin" in " Self-test Function"
CLKO
"H"
Refer to "3. CLKO pin"in" Self-test Function"
CAO
"L"
Refer to "4. CAO pin" in " Self-test Function"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com