Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8235A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8235A Datasheet HTML 1Page - Seiko Instruments Inc S8235A Datasheet HTML 2Page - Seiko Instruments Inc S8235A Datasheet HTML 3Page - Seiko Instruments Inc S8235A Datasheet HTML 4Page - Seiko Instruments Inc S8235A Datasheet HTML 5Page - Seiko Instruments Inc S8235A Datasheet HTML 6Page - Seiko Instruments Inc S8235A Datasheet HTML 7Page - Seiko Instruments Inc S8235A Datasheet HTML 8Page - Seiko Instruments Inc S8235A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
S-8235A Series
www.sii-ic.com
FOR AUTOMOTIVE BATTERY PROTECTION IC
FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
© Seiko Instruments Inc., 2013-2015
Rev.1.5_00
Seiko Instruments Inc.
1
The S-8235A Series, for automotive use, is utilized for secondary protection of lithium-ion rechargeable batteries, and
incorporates high-accuracy voltage detection circuits and delay circuits. Short-circuiting between cells makes it possible for
serial connection of 3-cell to 5-cell. By connecting in cascade, the S-8235A Series protects 6-serial or more cells lithium-ion
rechargeable battery pack.
The S-8235A Series performs a self-test operation to confirm overcharge detection.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII is indispensable.
Features
• High-accuracy voltage detection circuit for each cell
Overcharge detection voltage n (n = 1 to 5)
3.60 V to 4.50 V (50 mV step)
Accuracy
±20 mV (Ta = +25°C)
Accuracy
±30 mV (Ta = −5°C to +55°C)
Overcharge hysteresis voltage n (n = 1 to 5)
0.0 mV to
−550 mV (50 mV step)
−300 mV to −550 mV
Accuracy
±20%
−100 mV to −250 mV
Accuracy
±50 mV
0.0 mV to
−50 mV
Accuracy
±25 mV
• Self-test operation to confirm overcharge detection is available.
• Cascade connection is available.
• Delay times for overcharge detection can be set by an internal circuit only (External capacitors are unnecessary).
• High-withstand voltage device:
Absolute maximum rating 26 V
• Wide operation voltage range:
6 V to 24 V
• Wide operation temperature range:
Ta =
−40°C to +85°C
• Low current consumption
At VCUn
− 1.0 V for each cell:
10
μA max. (Ta = +25°C)
At 2.3 V for each cell:
8
μA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*1
*1. Contact our sales office for details.
Application
• Lithium-ion rechargeable battery pack (for secondary protection)
Package
• 16-Pin TSSOP


Similar Part No. - S8235A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S823 NKK-S823 Datasheet
165Kb / 4P
High Capacity Standard Size Toggles
logo
List of Unclassifed Man...
S8230 ETC2-S8230 Datasheet
683Kb / 2P
Mainstream dual-socket server platform for enterprise applications
logo
Seiko Instruments Inc
S8230A SII-S8230A Datasheet
581Kb / 37P
WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
logo
List of Unclassifed Man...
S8230GM4NR ETC2-S8230GM4NR Datasheet
683Kb / 2P
Mainstream dual-socket server platform for enterprise applications
S8230GM4NR-LE ETC2-S8230GM4NR-LE Datasheet
683Kb / 2P
Mainstream dual-socket server platform for enterprise applications
More results

Similar Description - S8235A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8215A SII-S8215A Datasheet
686Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
S8225A SII-S8225A Datasheet
678Kb / 26P
FOR 3-SERIAL TO 5-SERIAL CELL PACK
S-8215AAA-K8T2U SII-S-8215AAA-K8T2U Datasheet
1Mb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
S8223A SII-S8223A Datasheet
2Mb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
S8224A SII-S8224A Datasheet
2Mb / 33P
BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8215A ABLIC-S-8215A Datasheet
578Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.2.6_00
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8245B ABLIC-S-8245B Datasheet
935Kb / 43P
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
S-8245A ABLIC-S-8245A Datasheet
993Kb / 41P
BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
S-8244 ABLIC-S-8244 Datasheet
450Kb / 28P
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com