Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3602G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US3602G-S08-R
Description  HIGH PRECISION PSR CONSTANT CURRENT LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3602G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  US3602G-S08-R Datasheet HTML 1Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 2Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 3Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 4Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 5Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 6Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
US3602
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-985.b
MARKING
PIN CONFIGURATION
GND
FB
NC
NC
DRAIN
DRAIN
VCC
CS
1
2
3
4
8
7
6
5
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground
2
FB
Feedback. This pin detects the output information from auxiliary winding.
3
VCC
Power supply
4
CS
Current sense. This pin connects a current sense resistor to GND to adjust the LED
current.
5, 6
DRAIN
Internal power MOSFET drain.
7, 8
NC
No connection, must be floated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com