Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3602G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US3602G-S08-R
Description  HIGH PRECISION PSR CONSTANT CURRENT LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3602G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US3602G-S08-R Datasheet HTML 1Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 2Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 3Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 4Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 5Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 6Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US3602
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-985.b
HIGH PRECISION PSR
CONSTANT CURRENT
LED DRIVER
DESCRIPTION
The UTC US3602 is a primary side control offline LED lighting
controller. It operates in inductor current DCM mode and can
achieve accurate constant current.
The UTC US3602 integrates 600V power MOSFET and
simplifies the LED lighting system design by eliminating the
secondary side feedback components and the opto-coupler. The
loop
compensation
components
are
also
removed
while
maintaining stability overall operating conditions.
The LED current can be adjusted externally by the sense
resistor RCS at CS pin. The UTC US3602 achieves ±3% accuracy
of LED current along with excellent line regulation and load
regulation.
The UTC US3602 offers comprehensive protection coverage
with auto-recovery features including LED short circuit protection,
LED open circuit protection, Cycle-by-cycle current limiting, OTP,
VCC over voltage protection, leading edge blanking, VCC under
voltage lockout, etc.
FEATURES
* Built-in 600V Power MOSFET
* ±3% constant current regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* Programmable CC regulation
* Flyback topology in DCM operation
* Low operating current to improve efficiency
* High resistance feedback resistor to improve efficiency
* LED short and open circuit protection
* Cycle-by-cycle current limiting
* Built-in leading edge blanking
* VCC over voltage protection
* VCC under-voltage lockout
* Feedback loop short circuit protection
* Current sense resistor open circuit protection
ORDERING INFORMATION
Ordering Number
Package
Packing
US3602G-S08-R
SOP-8
Tape Reel
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free
US3602G-S08-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - US3602G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3651 UTC-US3651 Datasheet
205Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3651AG-D08-T UTC-US3651AG-D08-T Datasheet
228Kb / 9P
CMOS IC
US3651AG-S08-R UTC-US3651AG-S08-R Datasheet
228Kb / 9P
CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
CMOS IC
US3651G-D08-T UTC-US3651G-D08-T Datasheet
205Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

Similar Description - US3602G-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
High Precision PSR Constant Current LED Driver
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
High Precision PSR LED Constant Current Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com