Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3602G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US3602G-S08-R
Description  HIGH PRECISION PSR CONSTANT CURRENT LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3602G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US3602G-S08-R Datasheet HTML 1Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 2Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 3Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 4Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 5Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 6Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
US3602
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-985.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Input Voltage
VCC
-0.3~20
V
Feedback Pin Input Voltage
FB
-0.3~6
V
Internal MOSFET Drain Voltage
Drain
-0.3~600
V
Current Sense Pin Input Voltage
CS
-0.3~6
V
Power Dissipation (Note 2)
PDMAX
0.45
W
Thermal Resistance (Junction to Ambient)
θJA
145
°C/W
Operating Junction Temperature
TJ
-40~150
°C
Storage Temperature Range
TSTG
-55~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The maximum power dissipation decrease if temperature rise, it is decided by TJMAX, θJA, and environment
temperature (TA). The maximum power dissipation is the lower one between PDMAX=(TJMAX-TA)/θJA and the
number listed in the maximum table.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
7.5~14.5
V
Output Power (Input Voltage 230V±15%)
POUT1
<5
W
Output Power (Input Voltage 85V~265V)
POUT2
<4
W
ELECTRICAL CHARACTERISTICS (Note 1, 2) (VCC=12V, TA=25°C, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage Section
Turn on Threshold Voltage
VTH(ON)
13
14
15
V
Turn off Threshold Voltage
VTH(OFF)
6.5
V
VCC OVP Protection
VCC_OVP
16
V
VCC Clamped Voltage
VCC_clamp
ICC=10mA
23
V
Start up Current
IST
VCC=VTH(ON)-1V
30
50
µA
Operating Current
ICC-OP
FOP=40kHz
1
mA
Current Sense Section
Current Sense Threshold Voltage
VCS
460
500
600
mV
Leading Edge Blanking Time
TLEB
500
nS
OCP Propagation Delay
TD_OC
300
nS
Feedback Section
FB Voltage Sense Level
VFB
1
V
Minimum Demagnetization Time
TDEMAG_MIN
3.5
µS
Line Compensation Ratio (Note 3)
∆VCS/∆IFBUP
1.1
mV/µA
Maximum Duty Cycle
Maximum Duty Cycle
DMAX
50
%
Over Temperature Protection
Thermal Shutdown Threshold
TSD
150
°C
Thermal Shutdown Hysteresis
TSD-HYS
25
°C
MOSFET Section
Static Drain-Source On-Resistance
RDS_ON
VGS=10V/IDS=0.5A
13
Ω
Drain-Source Breakdown Voltage
BVDSS
VGS=0V/IDS=250µA
600
V
Drain-Source Leakage Current
IDSS
VGS=0V/VDS=600V
100
nA
Notes: 1. Production testing of the chip is performed at 25°C.
2. The maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed
by design, characterization and statistical analysis.
3. Refer to application information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com