Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3602G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # US3602G-S08-R
Description  HIGH PRECISION PSR CONSTANT CURRENT LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3602G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  US3602G-S08-R Datasheet HTML 1Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 2Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 3Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 4Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 5Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 6Page - Unisonic Technologies US3602G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
US3602
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-985.b
FUNCTION DESCRIPTION
The UTC US3602 is a primary side control offline LED lighting controller. It operates in inductor current DCM
mode and can achieve accurate constant current. The UTC US3602 integrates 600V power MOSFET and simplifies
the LED lighting system design by eliminating the secondary side feedback components and the opto-coupler. The
loop compensation components are also removed while maintaining stability overall operating conditions.
Startup control
The VCC pin of UTC US3602 is connected to the line input through a resistor. A large value startup resistor can be
used to minimize the power loss in application because the start current of UTC US3602 is very low. When the VCC
voltage reaches VTH(ON), the internal startup circuit is disabled and the IC turns on.
Operating Current
The operating current of UTC US3602 is as low as 1mA. Good efficiency and very low standby power can be
achieved.
Constant Current Operation
When the FB voltage is over 1.2V reference voltage and the demagnetization time is lager than 4µS, thus UTC
US3602
operates in constant-current (CC) mode. The CC point can be externally adjusted by external current sense
resistor RCS.
In CC operation, the CC loop control function of UTC US3602 will keep a fixed proportion between secondary
inductance demagnetization time (Tdemag) and switching cycle time (Tsw). The fixed proportion is
2
1
=
Tsw
Tdemag
Thus the output current is given by:
Ipk
×
N
N
×
4
1
=
Tsw
Tdemag
×
Ipk
×
N
N
×
2
1
=
Iout
S
P
S
P
Figure4. Secondary current waveform
Current Sensing and Leading Edge Blanking
Cycle-by-cycle current limiting is offered in UTC US3602. The switch current is detected by a sense resistor into
the CS pin. When the power switch is turned on, a turn-on spike will occur on this resistor. A 500ns leading-edge
blanking is built in to avoid false-termination of the switching pulse so that the external RC filtering is no longer
needed.
Programmable Line Voltage Compensation
UTC US3602
has a built-in line voltage compensation to achieve good line regulation. An offset voltage is
generated at CS pin by a sense current from upper resistor at FB pin. The current is inversely proportional to the
upper resistor and is proportional to the line voltage. So the line voltage is compensated by this offset voltage at CS
pin. It can also be programmed by adjusting the resistance of the divider for various line voltage used.
The ratio of line compensation can be calculated by the equation:
=
V
∆ CS -1.1
)
mV
(
R
V
×
10
×
FBH
AUX
6
Where, RFBH is the upper resistor of the FB pin.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com