Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX683 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX683
Description  3.3V-Input to Regulated 5V-Output Charge Pumps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX683 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX683 Datasheet HTML 4Page - Maxim Integrated Products MAX683 Datasheet HTML 5Page - Maxim Integrated Products MAX683 Datasheet HTML 6Page - Maxim Integrated Products MAX683 Datasheet HTML 7Page - Maxim Integrated Products MAX683 Datasheet HTML 8Page - Maxim Integrated Products MAX683 Datasheet HTML 9Page - Maxim Integrated Products MAX683 Datasheet HTML 10Page - Maxim Integrated Products MAX683 Datasheet HTML 11Page - Maxim Integrated Products MAX683 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
In addition, the following two equations approximate
output ripple for each mode. In skip mode, output rip-
ple is dominated by ESR, and is approximately:
VRIPPLE(SKIP) ≅ (2VIN - VOUT)ESRCOUT / RTX
where ESRCOUT is the ESR of the output filter capaci-
tance, and RTX is the open-loop output transfer resist-
ance of the IC. RTX is typically 0.8
Ω for the MAX682,
1.6
Ω for the MAX683, and 3Ω for the MAX684. In con-
stant-frequency mode, output ripple is dominated by
COUT and is approximately:
VRIPPLE(const-freq) ≅ IOUT / (2 x fOSC x COUT)
All capacitors must maintain a low (<100m
Ω) equiva-
lent series resistance (ESR). Table 4 lists the manufac-
turers of recommended capacitors. Surface-mount
tantalum capacitors will work well for most applications.
Ceramic capacitors will provide the lowest ripple due to
their typically lower ESR.
If the source impedance or inductance of the input sup-
ply is large, additional input bypassing (2.2µF to 22µF)
may be needed. This additional capacitance need not
be a low-ESR type.
3.3V-Input to Regulated 5V-Output
Charge Pumps
8
_______________________________________________________________________________________
PART
CIN
(µF)
MAX682
2.2
47
MAX683
1
22
MAX684
0.47
10
VOUT
RIPPLE
(mV)
100
100
100
CX
(µF)
1
0.47
0.22
OUTPUT
(mA)
250
100
50
Table 2. Recommended Capacitor Values
for Quiescent Current (Skip Mode)
Table 3. Recommended Capacitor Values
for Smallest Size (Constant-Frequency
Mode, IS
SH
HD
DN
N = 22µA, 1MHz)
PART
CIN
(µF)
CERAMIC
COUT
(µF)
MAX682
1
2.2
MAX683
0.47
1
MAX684
0.22
0.47
VOUT
RIPPLE
(mV)
80
80
80
CX
(µF)
0.47
0.22
0.1
OUTPUT
(mA)
250
100
50
MANUFACTURER
PHONE
NUMBER
Sprague
(603) 224-1961
AVX
(803) 946-0690
VALUE
47µF to
10µF
47µF to
10µF
CXP
3.3VIN
CXN
SHDN
OUT
IN
1
µF
1
µF
0.47
µF
0.47
µF
100k
100k
4.7
µF
SKIP
GND
PGND
MAX682
MAX682
SKIP
CXP
CXN
OUT
5V/500mA
IN
SHDN
GND
PGND
Figure 6. Paralleling Two MAX682s
TDK
(847) 390-4373
0.1µF to
2.2µF
Table 4. Recommended Capacitor
Manufacturers
CX
CIN
COUT
OUT
CXN
CXP
SHDN
IN
OUT
7
4
5
6
3
2
1
8
ON
OFF
REXT
SKIP
GND
PGND
MAX682
MAX683
MAX684
IN
VON
Figure 5. Standard Operating Circuit
TANTALUM
COUT (µF)
10
4.7
2.2
CERAMIC
Ceramic
surface mount
DESCRIPTION
595D-series
tantalum
surface mount
TPS-series
surface mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com