Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX683 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX683
Description  3.3V-Input to Regulated 5V-Output Charge Pumps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX683 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX683 Datasheet HTML 1Page - Maxim Integrated Products MAX683 Datasheet HTML 2Page - Maxim Integrated Products MAX683 Datasheet HTML 3Page - Maxim Integrated Products MAX683 Datasheet HTML 4Page - Maxim Integrated Products MAX683 Datasheet HTML 5Page - Maxim Integrated Products MAX683 Datasheet HTML 6Page - Maxim Integrated Products MAX683 Datasheet HTML 7Page - Maxim Integrated Products MAX683 Datasheet HTML 8Page - Maxim Integrated Products MAX683 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3.3V-Input to Regulated 5V-Output
Charge Pumps
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 5, VIN = 3.3V, component values from Tables 2 and 3, TA = +25°C, unless otherwise noted.)
100
0
1
10
100
1000
MAX682 EFFICIENCY
vs. LOAD CURRENT (SKIP = HIGH)
20
10
LOAD CURRENT (mA)
50
70
60
40
30
80
90
VIN = 5.0V
VIN = 3.3V
VIN = 3.0V
ISHDN = 22µA
100
0
1
10
100
1000
MAX683 EFFICIENCY
vs. LOAD CURRENT (SKIP = HIGH)
20
10
LOAD CURRENT (mA)
50
70
60
40
30
80
90
VIN = 5.0V
VIN = 3.3V
VIN = 3.0V
ISHDN = 22µA
90
0
1
10
100
MAX684 EFFICIENCY
vs. LOAD CURRENT (SKIP = HIGH)
20
10
LOAD CURRENT (mA)
40
30
50
60
70
80
VIN = 3.0V
VIN = 3.3V
VIN = 5.0V
ISHDN = 22µA
200ns/div
OUTPUT WAVEFORM
(SKIP = HIGH)
MAX682 TOC16
50mV/div
SKIP = HIGH, ISHDN = 22µA, ILOAD = 250mA, MAX682
200ns/div
OUTPUT WAVEFORM
(SKIP = LOW)
MAX682 TOC17
50mV/div
SKIP = LOW, ILOAD = 250mA, MAX682
100
0
0.1
1
10
100
1000
MAX682 EFFICIENCY
vs. LOAD CURRENT (SKIP = LOW)
20
10
LOAD CURRENT (mA)
50
70
60
40
30
80
90
VIN = 3.6V
VIN = 3.3V
VIN = 3.0V
100
0
0.1
1
10
100
1000
MAX683 EFFICIENCY
vs. LOAD CURRENT (SKIP = LOW)
20
10
LOAD CURRENT (mA)
50
70
60
40
30
80
90
VIN = 3.6V
VIN = 3.3V
VIN = 3.0V
100
0
0.1
1
10
100
MAX684 EFFICIENCY
vs. LOAD CURRENT (SKIP = LOW)
20
10
LOAD CURRENT (mA)
50
70
60
40
30
80
90
VIN = 3.6V
VIN = 3.3V
VIN = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com