Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX683 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX683
Description  3.3V-Input to Regulated 5V-Output Charge Pumps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX683 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX683 Datasheet HTML 1Page - Maxim Integrated Products MAX683 Datasheet HTML 2Page - Maxim Integrated Products MAX683 Datasheet HTML 3Page - Maxim Integrated Products MAX683 Datasheet HTML 4Page - Maxim Integrated Products MAX683 Datasheet HTML 5Page - Maxim Integrated Products MAX683 Datasheet HTML 6Page - Maxim Integrated Products MAX683 Datasheet HTML 7Page - Maxim Integrated Products MAX683 Datasheet HTML 8Page - Maxim Integrated Products MAX683 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3.3V-Input to Regulated 5V-Output
Charge Pumps
_______________________________________________________________________________________
5
2ms/div
LOAD-TRANSIENT RESPONSE
MAX682 TOC19
A
B
A: LOAD CURRENT: ILOAD = 5mA TO 250mA, 500mA/div
B: OUTPUT VOLTAGE: SKIP = HIGH, ISHDN = 22µA,
100mV/div, MAX682
100
µs/div
SHUTDOWN TIMING
MAX682 TOC18
A
B
A: OUTPUT VOLTAGE: SKIP = HIGH, RL = 5V / IMAX, 2V/div
B: SHDN VOLTAGE: 1V/div
2ms/div
LINE-TRANSIENT RESPONSE
MAX682 TOC20
A
B
A: INPUT VOLTAGE: VIN = 3.1V TO 3.6V, 500mV/div
B: OUTPUT VOLTAGE: SKIP = HIGH, ISHDN = 22µA,
ILOAD = 250mA, 50mV/div, MAX682
Typical Operating Characteristics (continued)
(Circuit of Figure 5, VIN = 3.3V, component values from Tables 2 and 3, TA = +25°C, unless otherwise noted.)
Pin Description
NAME
FUNCTION
1
SKIP
When SKIP = low, the regulator operates in low-quiescent-current skip mode. When SKIP = high, the
regulator operates in constant-frequency mode, minimizing output ripple and noise. SKIP must be tied
high for input voltages above 3.6V.
2
SHDN
Shutdown Input. Drive SHDN through an external resistor. When SHDN = low, the device turns off. When
current is sourced into SHDN through REXT, the device activates, and the SHDN pin input current sets the
oscillator’s switching frequency. REXT (kΩ) = 45000 (V IN - 0.69V) / fOSC (kHz).
PIN
3
IN
Input Supply Pin. Can range from 2.7V to 5.5V for SKIP = high, and 2.7V to 3.6V for SKIP = low. Bypass to
PGND with a suitable value capacitor (see
Capacitor Selection section).
4
GND
Ground Pin. Connect to PGND through a short trace.
8
OUT
Fixed 5V Power Output. Bypass to PGND with output filter capacitor.
7
CXP
Positive Terminal of the Charge-Pump Transfer Capacitor
6
CXN
Negative Terminal of the Charge-Pump Transfer Capacitor
5
PGND
Power Ground Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com