Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX683 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX683
Description  3.3V-Input to Regulated 5V-Output Charge Pumps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX683 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX683 Datasheet HTML 1Page - Maxim Integrated Products MAX683 Datasheet HTML 2Page - Maxim Integrated Products MAX683 Datasheet HTML 3Page - Maxim Integrated Products MAX683 Datasheet HTML 4Page - Maxim Integrated Products MAX683 Datasheet HTML 5Page - Maxim Integrated Products MAX683 Datasheet HTML 6Page - Maxim Integrated Products MAX683 Datasheet HTML 7Page - Maxim Integrated Products MAX683 Datasheet HTML 8Page - Maxim Integrated Products MAX683 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX682/MAX683/MAX684 charge-pump regula-
tors generate 5V from a 2.7V to 5.5V input. They are
specifically designed to serve as high-efficiency auxil-
iary supplies in applications that demand a compact
design. The MAX682, MAX683, and MAX684 deliver
250mA, 100mA, and 50mA output current, respectively.
These complete 5V regulators require only one resistor
and three external capacitors—no inductors are need-
ed. High switching frequencies (externally adjustable
up to 2MHz) and a unique regulation scheme allow the
use of capacitors as small as 1µF per 100mA of output
current. The MAX683/MAX684 are offered in a space-
saving 8-pin µMAX package that is only 1.1mm high,
while the MAX682 is available in an 8-pin SO.
Applications
Flash Memory Supplies
Battery-Powered Applications
Miniature Equipment
PCMCIA Cards
3.3V to 5V Local Conversion Applications
Backup-Battery Boost Converters
3V to 5V GSM SIMM Cards
Features
o Ultra-Small: 1µF Capacitors per 100mA of Output
Current
o No Inductors Required
o 1.1mm Height in µMAX Package (MAX683/MAX684)
o Up to 250mA Output Current (MAX682)
o Regulated ±4% Output Voltage
o 50kHz to 2MHz Adjustable Switching Frequency
o 2.7V to 5.5V Input Voltage
o 100µA Quiescent Current in Pulse-Skipping Mode
o 0.1µA Shutdown Current
3.3V-Input to Regulated 5V-Output
Charge Pumps
________________________________________________________________
Maxim Integrated Products
1
CXN
PGND
GND
1
2
8
7
OUT
CXP
SHDN
IN
SKIP
SO
TOP VIEW
3
4
6
5
MAX682
CXN
PGND
GND
1
2
8
7
OUT
CXP
SHDN
IN
SKIP
µMAX
3
4
6
5
MAX683
MAX684
Pin Configurations
OUTPUT
5V/250mA
OUT
SHDN
IN
INPUT
2.7V TO 5.5V
SKIP
REXT
GND
PGND
CXN
CXP
MAX682
Typical Operating Circuit
19-0177; Rev 1; 8/98
PART
MAX682ESA
MAX683EUA
MAX684EUA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 µMAX
8 µMAX
Ordering Information


Similar Part No. - MAX683

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6830 MAXIM-MAX6830 Datasheet
205Kb / 12P
Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6830_UT-T MAXIM-MAX6830_UT-T Datasheet
597Kb / 12P
Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6831 MAXIM-MAX6831 Datasheet
205Kb / 12P
Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6831_UT-T MAXIM-MAX6831_UT-T Datasheet
597Kb / 12P
Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
More results

Similar Description - MAX683

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Maxim Integrated Produc...
MAX679 MAXIM-MAX679 Datasheet
76Kb / 6P
Regulated 3.3V Charge Pump
Rev 0; 4/97
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
Regulated Charge Pump 5V 100mA
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
Regulated 5V Charge Pump
logo
Maxim Integrated Produc...
M24308-2-13 MAXIM-M24308-2-13 Datasheet
157Kb / 8P
3V to 5V Regulating Charge Pumps for SIM Cards
Rev 1; 12/98
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Maxim Integrated Produc...
MAX20067EVKIT MAXIM-MAX20067EVKIT Datasheet
1Mb / 13P
Double-Stage Positive- and Negative-Regulated Charge Pumps
Rev 0; 8/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com