Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3G Datasheet(PDF) 5 Page - International Rectifier

Part # M3G
Description  28V Input, Single/Dual Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G Datasheet(HTML) 5 Page - International Rectifier

  M3G Datasheet HTML 1Page - International Rectifier M3G Datasheet HTML 2Page - International Rectifier M3G Datasheet HTML 3Page - International Rectifier M3G Datasheet HTML 4Page - International Rectifier M3G Datasheet HTML 5Page - International Rectifier M3G Datasheet HTML 6Page - International Rectifier M3G Datasheet HTML 7Page - International Rectifier M3G Datasheet HTML 8Page - International Rectifier M3G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.irf.com
5
M3G-SERIES
(28V Input, Single/Dual Output)
Electrical Performance Characteristics ( continued )
Notes: Electrical Performance Characteristics
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall
be guaranteed to the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
Limit represents 80% of total rated output current. To achieve rated output power, the remaining 20% of
the total rated output current must be provided by the other output.
4.
Load current split equally between outputs on dual output models.
5.
Cross regulation is measured with 20% rated load on output under test while changing the load on the
other output from 20% to 80% of rated.
6.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth.
7.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A
capacitive load in excess of the maximum limit may interfere with the proper operation of the converter’s
overload protection, causing erratic behavior during turn-on.
8.
Overload power dissipation is defined as the device power dissipation with the load set such that VOUT =
90% of nominal.
9.
Load step transition time
≥ 10 µs.
10. Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of
its steady state value.
11. Line step transition time
≥ 100 µs.
12. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on
the inhibit pin (pin 3) to the point where VOUT = 90% of nominal.
13. Although operation at temperatures between +85°C and +125°C is guaranteed, no parametric limits are
specified.
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Capacitive Load (CL)
M3G2803R3S
M3G2805S
M3G2805R2S
M3G2812S
M3G2815S
M3G2805D
M3G2807D
M3G2812D
M3G2815D
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2200
1000
1000
180
120
500
300
90
60
µF
Line Rejection
IOUT = 100% rated load
DC to 50KHz, Notes 1, 4
40
60
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 6, test @ 500VDC
100
M
Ω
Device Weight
110
g
MTBF
MIL-HDBK-217F2, SF, 35
°C
5.0 x 106
Hrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com