Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3G Datasheet(PDF) 9 Page - International Rectifier

Part # M3G
Description  28V Input, Single/Dual Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G Datasheet(HTML) 9 Page - International Rectifier

Back Button M3G Datasheet HTML 5Page - International Rectifier M3G Datasheet HTML 6Page - International Rectifier M3G Datasheet HTML 7Page - International Rectifier M3G Datasheet HTML 8Page - International Rectifier M3G Datasheet HTML 9Page - International Rectifier M3G Datasheet HTML 10Page - International Rectifier M3G Datasheet HTML 11Page - International Rectifier M3G Datasheet HTML 12Page - International Rectifier M3G Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.irf.com
9
M3G-SERIES
(28V Input, Single/Dual Output)
Fig 7. M3G2812S Efficiency
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
Output Power ( Watts )
Vin=18V
Vin=28V
Vin=50V
Radiation Performance Characteristics
International Rectifier currently does not have a DLA Land and Maritime certified Radiation Hardness
Assurance Program.
Test Inspection
Method
Min
Typ
Unit
MIL-PRF-883, Method 1019
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
Full Rated Load, VIN = 28V
200
300
Krads(Si)
Dose Rate (Gamma Dot)
MIL-STD-883, Method 1023
Temporary Saturation
Operating bias applied during exposure,
1E8
Rads(Si)/sec
Survival
Full Rated Load, VIN = 28V
4E10
1E11
Neutron Fluence
MIL-STD-883, Method 1017
8E12
1E13
Neutrons/cm2
Heavy Ions (LET)
Single Event Effects
Operating bias applied during exposure,
SEU, SEL, SEGR, SEB
Full Rated Load, VIN = 28V
82
MeVxcm
2/mg
Test lab: Brookhaven National Laboratory,
Tandem Van de Graaff Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com