Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3G Datasheet(PDF) 13 Page - International Rectifier

Part # M3G
Description  28V Input, Single/Dual Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G Datasheet(HTML) 13 Page - International Rectifier

Back Button M3G Datasheet HTML 7Page - International Rectifier M3G Datasheet HTML 8Page - International Rectifier M3G Datasheet HTML 9Page - International Rectifier M3G Datasheet HTML 10Page - International Rectifier M3G Datasheet HTML 11Page - International Rectifier M3G Datasheet HTML 12Page - International Rectifier M3G Datasheet HTML 13Page - International Rectifier M3G Datasheet HTML 14Page - International Rectifier M3G Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.irf.com
13
M3G-SERIES
(28V Input, Single/Dual Output)
Fig 10. Configuration for Adjusting Dual Output Voltage
For all Dual Output Models, to adjust the output voltage higher:
where: RADJ is in KOhms
RADJ is connected to -Out pin and VNOM
< VOUT < 1.1VNOM (Fig. 10, Note 2)
VNOM is the nominal output voltage with the Adjust pin left open
VOUT is the desired output voltage
For all Dual Output Models, to adjust the output voltage lower:
where: RADJ is in KOhms
RADJ is connected to +Out pin and 0.75VNOM
< VOUT < VNOM (Fig. 10, Note 1)
VNOM is the nominal output voltage with the Adjust pin left open
VOUT is the desired output voltage
The dual output models have an Adjust pin which can be connected through a resistor ( RADJ ) to either output.
This allows the outputs to be reliably adjusted by approximately +10% to -25% of the nominal output voltage.
Refer to Figure 10 and use equations provided to calculate the required resistance ( RADJ ).
Dual Output:
M3G
(Dual Output)
13
11
12
8
+Out
Adjust
Out
Return
-Out
Radj
Note 2
Note 1
Notes:
1. For Vout < Vnom
2. For Vout > Vnom
()
51
1
64
.
1
48
.
3
−
−
−
=
NOM
OUT
NOM
ADJ
V
V
V
R
()(
)
51
1
64
.
1
1
64
.
1
48
.
3
−
−
−
−
=
OUT
NOM
OUT
NOM
ADJ
V
V
V
V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com