Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3G Datasheet(PDF) 10 Page - International Rectifier

Part # M3G
Description  28V Input, Single/Dual Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G Datasheet(HTML) 10 Page - International Rectifier

Back Button M3G Datasheet HTML 6Page - International Rectifier M3G Datasheet HTML 7Page - International Rectifier M3G Datasheet HTML 8Page - International Rectifier M3G Datasheet HTML 9Page - International Rectifier M3G Datasheet HTML 10Page - International Rectifier M3G Datasheet HTML 11Page - International Rectifier M3G Datasheet HTML 12Page - International Rectifier M3G Datasheet HTML 13Page - International Rectifier M3G Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
www.irf.com
M3G-SERIES
(28V Input, Single/Dual Output)
Ensure that flatness of the plate where M3G converter to be mounted is no greater than 0.003” per linear inch.
It is recommended that a thermally conductive gasket is used to promote the thermal transfer and to fill any
voids existing between the two surfaces. IR recommends Sil-Pad 2000 with the thickness of 0.010". The
shape of the gasket should match the footprint of the converter including the mounting flanges. The gasket
is available from IR. The M3G-series converter requires either M3 or 4-40 size screws for attachment
purposes.
The procedure for mounting the converter is as follows:
1.
Check the mounting surfaces and remove foreign material, burrs if any or anything that may
interfere with the attachment of the converter.
2.
Place the gasket on the surface reserved for the converter and line it up with the mounting holes.
3.
Place the converter on the gasket and line both up with mounting holes.
4.
Install screws using appropriate washers and tighten by hand (~ 4 in·oz) in the sequence shown below.
Application Notes:
A) Attachment of the Converter.
5. Tighten the screws with an appropriate torque driver. Torque the screws up to 6 in·lb in the sequence
shown above.
The following procedure is recommended for mounting the converter for optimum cooling and to circumvent
any potential damage to the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com