Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB102 Datasheet(PDF) 7 Page - CML Microcircuits

Part # DB102
Description  Low Signal Level Input of 10mVrms
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB102 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button DB102 Datasheet HTML 3Page - CML Microcircuits DB102 Datasheet HTML 4Page - CML Microcircuits DB102 Datasheet HTML 5Page - CML Microcircuits DB102 Datasheet HTML 6Page - CML Microcircuits DB102 Datasheet HTML 7Page - CML Microcircuits DB102 Datasheet HTML 8Page - CML Microcircuits DB102 Datasheet HTML 9Page - CML Microcircuits DB102 Datasheet HTML 10Page - CML Microcircuits DB102 Datasheet HTML 11Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Autocorrelating Signal Processor
7
MX102
© 1997 MX•COM,INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480095.003
4800 Bethania Station road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
0
2000
4000
6000
8000
10000
12000
14000
Maximum Input Frequency (Hz)
Minimum Input Frequency (Hz)
Input Signal Bandwidth (Hz)
Maximum Clock Limit
at VDD =2.5V
Maximum Clock Limit
at VDD =3.0V
For VDD =5.0V
Xtal/Clock Frequency (kHz)
0
500
1000
1500
2000
2500
Minimum Input Frequency =
Xtal/Clock Frequency (Hz)
1200
Maximum Input Frequency =
Xtal/Clock Frequency (Hz)
190
Figure 4: Input Signal Ranges vs Xtal/Clock Frequency
Effective Output Signal-to-Noise Ratio (dB)
Input Signal = 2.7kHz 20mVrms
Xtal/Clock Frequency 500kHz
VDD =5.0V
Input Signal-to-Noise Ratio (dB)
1
2
3
4
5
6
7
8
9
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
Figure 5: Enhancement of Signal-To-Noise Ratio
Note:
1.
The graph shown in Figure 5 illustrates the signal-to-noise enhancement that can be obtained, under varying input
conditions, from the MX102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com