Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB102 Datasheet(PDF) 9 Page - CML Microcircuits

Part # DB102
Description  Low Signal Level Input of 10mVrms
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB102 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button DB102 Datasheet HTML 3Page - CML Microcircuits DB102 Datasheet HTML 4Page - CML Microcircuits DB102 Datasheet HTML 5Page - CML Microcircuits DB102 Datasheet HTML 6Page - CML Microcircuits DB102 Datasheet HTML 7Page - CML Microcircuits DB102 Datasheet HTML 8Page - CML Microcircuits DB102 Datasheet HTML 9Page - CML Microcircuits DB102 Datasheet HTML 10Page - CML Microcircuits DB102 Datasheet HTML 11Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Autocorrelating Signal Processor
9
MX102
© 1997 MX•COM,INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480095.003
4800 Bethania Station road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Operating Characteristics
For the following conditions unless otherwise specified:
VDD = 5.0V, TAMB = 25°C
Xtal/Clock = 560kHz, Input Test Signal = 200mVRMS
Notes
Min.
Typ.
Max
Units
Static Values
Supply Current
-
1.0
2.5
mA
2
-
4.0
-
mA
Logic ‘1’ Level
80%
-
-
V
Logic ‘0’ Level
-
-
20%
V
Digital Output Impedance
-
4.0
10.0
k
Ω
Dynamic Values
Signal Input
3
20.0
-
1000
mVRMS
Analog (Input) Amplifier Gain
4
20.0
-
-
dB
5
9.0
-
-
dB
6
10.0
-
-
dB
Recommended Input Signal Duty Cycle Ratio
35
50
-
%
Frequency Out/Frequency In Ratio
4.0
-
4.0
%
Maximum Xtal/Clock Frequency
1
2.5
-
-
MHz
Minimum Xtal/Clock Frequency
20.0
kHz
Frequency Input Range
Xtal/Clock = 560kHz
7
500
-
3000
Hz
Table 4
1/1200
1/190
Xtal/Clock
Input to Output Delay
8
-
1.4
ms
Output resolution
-
1/6
-
Xtal/Clock
Operating Characteristics Notes:
1.
Maximum Xtal/clock frquency allowed varies with applied supply voltage (VDD).
2.
IDD requirement for Xtal/clock frequency of 2.24MHz.
3.
Signal input level required to provide a constant autocorrelated output.
4.
Measured with a 6.0kHz sinewave at the signal input.
5.
Measured with VDD = 2.5 volts.
6.
Measured with a 12kHz input signal.
7.
Recommended input signal frequency range to correlation circuits.
8.
Input (Signal In) to output (Output) time with a 2.24MHz Xtal/clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com