Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB102 Datasheet(PDF) 8 Page - CML Microcircuits

Part # DB102
Description  Low Signal Level Input of 10mVrms
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB102 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button DB102 Datasheet HTML 3Page - CML Microcircuits DB102 Datasheet HTML 4Page - CML Microcircuits DB102 Datasheet HTML 5Page - CML Microcircuits DB102 Datasheet HTML 6Page - CML Microcircuits DB102 Datasheet HTML 7Page - CML Microcircuits DB102 Datasheet HTML 8Page - CML Microcircuits DB102 Datasheet HTML 9Page - CML Microcircuits DB102 Datasheet HTML 10Page - CML Microcircuits DB102 Datasheet HTML 11Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Autocorrelating Signal Processor
8
MX102
© 1997 MX•COM,INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480095.003
4800 Bethania Station road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5. Performance Specification
5.1 Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
General
Min.
Max.
Units
Supply Voltage
-0.3
7.0 volts
V
Input Voltage at any pin
-0.3
(VDD+0.3 volts)
V
Current
VDD
-30
30
mA
VSS
-30
30
mA
Any other pins
-20
20
mA
Maximum Device Dissipation
100
mW
Operating Temperature
-40°
85
°C
Storage Temperature
-40°
125
°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Min.
Typ.
Max.
Units
VDD
2.5
3.3/5.0
5.5
V
Xtal/Clock
20
2500
kHz
Operating Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com