Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB102 Datasheet(PDF) 1 Page - CML Microcircuits

Part # DB102
Description  Low Signal Level Input of 10mVrms
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB102 Datasheet(HTML) 1 Page - CML Microcircuits

  DB102 Datasheet HTML 1Page - CML Microcircuits DB102 Datasheet HTML 2Page - CML Microcircuits DB102 Datasheet HTML 3Page - CML Microcircuits DB102 Datasheet HTML 4Page - CML Microcircuits DB102 Datasheet HTML 5Page - CML Microcircuits DB102 Datasheet HTML 6Page - CML Microcircuits DB102 Datasheet HTML 7Page - CML Microcircuits DB102 Datasheet HTML 8Page - CML Microcircuits DB102 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA BULLETIN
MX102
© 1997 MX•COM,INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480095.003
4800 Bethania Station road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Autocorrelating
Signal Processor
Features
Applications
• Low Signal Level Input of 10mVrms
• Wide Signal Frequency Range from 17Hz to 13kHz
• On-Chip Gain Amplifier
• Digital Output Signal (f
IN x 4)
• Divided-Down Clock Output
• Low Supply Voltage Operation of 2.5 V
• Low Current Drain
• Medical Instruments
• Sonar Detection
• Remote Signaling
• Pagers
• Mobile Radio
• Slow Data Rate Communication
• Tone Detection
SIGNAL
IN
SIGNAL
BIAS
AUTOCORRELATION
PROCESS
OUTPUT
[4
x
SIGNAL
IN]
Output
CLOCKS
XTAL
V
DD
V
SS
XTAL/CLOCK
GENERATOR/
DIVIDER
-
+
DELAY
48-BIT
COMPARE
LOGIC
DELAY
48-BIT
INTERPOLATE
INTERPOLATE
OUTPUT
LOGIC
DELAY
24-BIT
COMPARE
LOGIC
DELAY
24-BIT
XTAL/CLOCK
CLOCK
6
BUFCLK
The MX102 is a single-chip device to extract single periodic signals from very high random-noise environments.
Using patented autocorrelation techniques the MX102 will enhance the input signal's signal-to-noise ratio by as much as
8.5dB and provide a digital output signal centered at four times (x4) the input frequency.
The amplitude of non-periodic components of the signal is substantially reduced. The patented autocorrelator compares
the incoming signal to itself; the more elements of the waveform that are seen as periodic, the higher the energy at the
microcircuit output.
The MX102 cascades two autocorrelators, each one improving the signal-to-noise ratio
With a random noise input the output will swing rail-to-rail at random (peak-limited). The input/output signal delay is fixed
by the choice of clock frequency and the length of the internal register. The MX102 will operate at supply voltages of
between 2.5 volts and 5.5 volts and with Xtal/clock frequencies from 20kHz to 2.5MHz. Using various Xtal/clock inputs the
device can be set to accept input signal frequencies, in bands, from 17.0Hz to 13.0kHz.
Two uncommitted clock outputs are available: one to supply a 'divided-down' Xtal/clock frequencies and the second is a
buffered output for use in external and peripheral functions.
This MX102 is available in the following package styles: 16-pin SOIC (MX102DW) and 16-pin CDIP (MX102J).


Similar Part No. - DB102

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB102 SURGE-DB102 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rectron Semiconductor
DB102 RECTRON-DB102 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB102 BYTES-DB102 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB102 DCCOM-DB102 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
DB102 DIODES-DB102 Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21211 Rev. C-3
More results

Similar Description - DB102

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2072 NJRC-NJM2072 Datasheet
216Kb / 6P
SIGNAL LEVEL SENSOR SYSTEM
logo
Sony Corporation
CXD304-106Q SONY-CXD304-106Q Datasheet
42Kb / 3P
C-MOS 10-BIT PEDESTAL LEVEL REPLACEMENT OF COMPOSITE SIGNAL
logo
MORNSUN Science& Techno...
TM663D-S MORNSUN-TM663D-S Datasheet
131Kb / 2P
mV-LEVEL SIGNAL AMPLIFIER
logo
New Japan Radio
NJU7181 NJRC-NJU7181 Datasheet
213Kb / 13P
SIGNAL LEVEL SENSOR SYSTEM
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E Datasheet
387Kb / 31P
For Video/Audio Signal Input/ Output Interface of DVD Recorder
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
Analog Devices
DAS1151 AD-DAS1151_15 Datasheet
1Mb / 4P
LOW LEVEL INPUT 12 BIT DATA ACQUISITION MODULES
logo
FSP TECHNOLOGY INC.
FSP400-70PFB FSP-FSP400-70PFB_15 Datasheet
141Kb / 1P
industrial level of switching
logo
Laird Tech Smart Techno...
WB50NBT LSTD-WB50NBT Datasheet
1Mb / 26P
Input Low-Level Voltage
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK Datasheet
90Kb / 6P
TTL level input (control input)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com