Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35048 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M35048
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35048 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M35048 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35048-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
8
DA
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Alleviates continuous vertical jitters.
TEST14
TEST15
TEST16
TEST17
TEST18
TEST19
TEST20
TEST21
TEST22
TEST23
TEST24
TEST25
TEST26
VJT
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
REGISTERS DESCRIPTION
(1) Address 12016
Register
Status
Contents
Function
Remarks
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1", data is written
into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
It is used to "0", normally.
TEST27
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com