Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35048 Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M35048
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35048 Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M35048 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35048-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
11
(4) Address 12316
The vertical start location is specified
using the 10 bits from VP7 to VP0.
VP7 to VP0 = (00000000002) setting is
forbidden.
HS* (shown left) shows horizontal
__
display start location that is register B/F
(address 12816) = 0 is set.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
VP0
VP1
VP2
VP3
VP4
VP5
VP6
VP7
TEST32
TEST33
TEST0
TEST1
TEST2
TEST3
TEST34
If VS is the vertical display start location,
VS = H !
H: Cycle with the horizontal synchronizing pulse
255 settings are possible.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Register
DA
Function
Contents
Remarks
Status
(Note 3)
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1", data is written
into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
Display area
HS
*
VS
HOR
7
Σ
n = 0
2nVPn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com