Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35048 Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M35048
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35048 Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M35048 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35048-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
25
Unit
V
mA
V
V
k
V
Min.
2.20
—
1.80
—
30
0.7VDD
Parameter
Supply voltage
Supply current
“H” level output voltage
“L” level output voltage
__
Pull-up resistance AC
External clock input width
Test conditions
Ta = –20 to +85°C
VDD = 3.00V
VDD = 2.20V, IOH = -0.1mA
VDD = 2.20V, IOH = 0.1mA
VDD = 3.00V
2.20V V DD 3.50V
Unit
V
V
V
MHz
kHz
Parameter
Supply voltage
“L” level input voltage
Symbol
VDD
VIH
VIL
FOSC
H.sync
Symbol
VDD
VI
VO
Pd
Topr
Tstg
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = +25°C
Ratings
–0.3 to +4.0
VSS –0.3 V I V DD +0.3
VSS V O V DD
+300
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Typ.
3.00
VDD
0
—
—
Min.
2.20
0.8VDD
0
6.3
15.0
Max.
3.50
VDD
0.2VDD
16.0
32.0
Limits
RECOMMENDED OPERATING CONDITIONS (VDD = 3.00V, Ta = –20 to +85°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VDD = 3.00V, Ta = 25°C, unless otherwise noted)
Symbol
VDD
IDD
VOH
VOL
RI
VTCK
Limits
Max.
3.50
10
—
0.4
150
VDD
P0 to P7 (Note1)
P0 to P7 (Note2)
Typ.
3.00
5
—
—
—
—
“H” level input voltage
__ ____
AC,CS,HOR,SIN,SCK,VERT
__ ____
AC,CS,HOR,SIN,SCK,VERT
Oscillating frequency for display
Horizontal synchronous signal input frequeney
Notes 1. The current from the IC must not exceed – 0.1 mA/port at any of the port pins (P0 to P7).
2. The current flowing into the IC must not exceed 0.1 mA/port at any of port pins (P0 to P7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com