Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35048 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M35048
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35048 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M35048 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35048 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35048-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
21
Character color
DATA INPUT EXAMPLE
Data of display RAM and display control registers can be set by
the 16-bit serial input function. Example of data setting is shown in
Figure 8.
Data input example (M35048-XXXFP)
Notes 1 : The page in which data is written is controlled by the address. To write data into page 0, set "0". To write data into page 1, set "1".
2 : Matrix-outline display in this data.
3 : Input a continuous clock of constant period from the TCK pin.
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
0
0
0
1
1
0
0
DAF
(Note1)
DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0
Remarks
Address/data
Address 12016
Data
12016
Data
12116
Data
12216
Data
12316
Data
12416
Data
12516
Data
12616
Data
12716
Data
12816
Address 12216
Data
12216
Data
12316
Data
12416
Data
12516
Data
12616
Data
12716
Data
12816
Data
00016
Data
11F16
Address 00016
Data
00016
Data
11F16
Address 12816
Data
12816
Address 12816
Data
12816
0
0
1
HP0
VP0
0
0
0
0
0
0
HP0
VP0
0
0
0
0
0
C0
C0
0
C0
C0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
BB
BB
0
BB
BB
0
0
0
0
PTD6
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BR
BR
0
BR
BR
0
0
0
0
PTD4
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
B
B
0
B
B
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
G
G
0
G
0
0
0
1
0
PTD2
HP8
0
0
0
0
0
0
1
HP8
0
0
0
0
0
0
R
R
0
R
R
1
1
0
0
1
HP7
VP7
0
0
0
0
0
0
HP7
VP7
0
0
0
0
0
C7
C7
0
0
0
0
0
0
0
1
HP6
VP6
0
0
0
0
0
0
HP6
VP6
0
0
0
0
0
C6
C6
0
C6
C6
0
0
1
0
1
HP5
VP5
0
0
0
0
0
1
HP5
VP5
0
0
0
0
0
C5
C5
0
C5
C5
1
1
0
0
0
HP4
VP4
0
0
0
0
POLH
0
HP4
VP4
0
0
0
0
0
C4
C4
0
C4
C4
0
0
0
0
1
HP3
VP3
0
0
0
0
POLV
0
HP3
VP3
0
0
0
0
0
C3
C3
0
C3
C3
1
1
0
0
0
HP2
VP2
0
0
0
0
0
0
HP2
VP2
0
0
0
0
0
C2
C2
0
C2
C2
0
0
0
0
1
HP1
VP1
0
0
0
0
0
1
HP1
VP1
0
0
0
0
0
C1
C1
0
C1
C1
0
0
0
0
PTD7
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BG
BG
0
BG
BG
0
0
System set up
Address setting
200m sec hold
Address setting
1
0
0
0
0
1
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
1
0
0
0
1
1
POLH POLV
0
0
0
Fig 8. Example of data setting
Horizontal display location setting
Vertical display location setting
Display form setting
Character size setting
Character size setting
Color, character size setting
Output setting
Frequency value setting (Note2)
Horizontal display location setting
Vertical display location setting
Display form setting
Character size setting
Character size setting
Color, character size setting
Page 0 display OFF
Address setting
Page 1 display OFF
Character setting
Character setting
Character code
Page 1 display ON
Display form setting (Note 2)
Address setting
Page 0 display ON
Display form setting (Note 2)
Character color
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BLINK
BLINK
0
BLINK
BLINK
0
0
Blink
-ing
Background
coloring
Background
coloring
Character code
Blink
-ing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com