Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUC2G53 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AUC2G53
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUC2G53_15 Datasheet HTML 1Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 2Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 3Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 4Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 5Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 6Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 7Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74AUC2G53
www.ti.com ................................................................................................................................................ SCES484C – AUGUST 2003 – REVISED JANUARY 2009
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
3.6
V
VI
Input voltage range(2)(3)
–0.5
3.6
V
VI/O
Switch I/O voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VI < 0
–50
mA
II/OK
I/O port diode current
VI/O < 0 or VI/O > VCC
50
mA
IT
On-state switch current current
VI/O = 0 to VCC
50
mA
Continuous current through VCC or GND
100
mA
DCT package
220
θ
JA
Package thermal impedance(4)
DCU package
227
C/W
YZP package
102
Tstg
Storage temperature range
–65
150
C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground unless otherwise specified.
(3)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65
נ
VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35
נ
VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI/O
I/O port voltage
0
VCC
V
VI
Control input voltage
0
3.6
V
VCC = 0.8 V to 1.6 V
20
Δt/Δv
Input transition rise or fall rate
VCC = 1.65 V to 1.95 V
10
ns/V
VCC = 2.3 V to 2.7 V
3.5
TA
Operating free-air temperature
–40
85
C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VI = VCC or GND,
1.1 V
40
IS = 4 mA
VINH = VIL
1.65 V
12.5
20
ron
On-state switch resistance
Ω
(see Figure 1 and
IS = 8 mA
2.3 V
6
15
Figure 2)
VI = VCC to GND,
1.1 V
131
180
IS = 4 mA
VINH = VIL
1.65 V
32
80
ron(p)
Peak on resistance
Ω
(see Figure 1 and
IS = 8 mA
2.3 V
15
20
Figure 2)
(1)
TA = 25C
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74AUC2G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com