Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUC2G53 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUC2G53
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC2G53_15 Datasheet HTML 1Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 2Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 3Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 4Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 5Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 6Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 7Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
COM
INH
GND
GND
VCC
Y1
Y2
A
YZP PACKAGE
Bump View
1
2
B
C
D
A
Laser Marking View
2
1
B
C
D
A
DESCRIPTION/ORDERING INFORMATION
SN74AUC2G53
www.ti.com ................................................................................................................................................ SCES484C – AUGUST 2003 – REVISED JANUARY 2009
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
2
• Available in the Texas Instruments NanoFree™
Package
• Operates at 0.8 V to 2.7 V
• Sub-1-V Operable
• Low Power Consumption, 10 µA at 2.7 V
• High On-Off Output Voltage Ratio
• High Degree of Linearity
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
YZP TERMINAL ASSIGNMENTS
D
GND
A
C
GND
Y2
B
INH
Y1
A
COM
VCC
1
2
This analog switch is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.1-V to 2.7-V VCC
operation.
The SN74AUC2G53 can handle both analog and digital signals. The device permits signals with amplitudes of up
to VCC (peak) to be transmitted in either direction.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUC2G53_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G53DCTR TI-SN74AUC2G53DCTR Datasheet
335Kb / 18P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53DCTR TI-SN74AUC2G53DCTR Datasheet
507Kb / 20P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53DCTR TI-SN74AUC2G53DCTR Datasheet
592Kb / 20P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53DCTR TI2-SN74AUC2G53DCTR Datasheet
715Kb / 26P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
REVISED JANUARY 2009
SN74AUC2G53DCTR.B TI2-SN74AUC2G53DCTR.B Datasheet
715Kb / 26P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
REVISED JANUARY 2009
More results

Similar Description - SN74AUC2G53_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_07 Datasheet
507Kb / 20P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com