Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUC2G53 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74AUC2G53
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74AUC2G53_15 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 9Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 10Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 11Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 12Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 13Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 14Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 15Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PARAMETER MEASUREMENT INFORMATION
VCC
VO
GND
Y1
(On)
VCC
VIL
Y2
VIL or VIH
S
1
2
VA
VIL
VIH
S
1
2
600
Ω
10
µF
fin
RL
10 k
Ω
CL
50 pF
VCC/2
10
µF
A
VA
VINH
INH
COM
VCC = 0.8 V, VI = 0.7 VP-P
VCC = 1.1 V, VI = 1 VP-P
VCC = 1.4 V, VI = 1.2 VP-P
VCC = 1.65 V, VI = 1.4 VP-P
VCC = 2.3 V, VI = 2 VP-P
SN74AUC2G53
SCES484C – AUGUST 2003 – REVISED JANUARY 2009 ................................................................................................................................................ www.ti.com
Figure 10. Sine-Wave Distortion
12
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUC2G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com