Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AUC2G53 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUC2G53
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUC2G53_15 Datasheet HTML 2Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 3Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 4Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 5Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 6Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 7Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 9Page - Texas Instruments SN74AUC2G53_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Operating Characteristics
Operating Characteristics
SN74AUC2G53
SCES484C – AUGUST 2003 – REVISED JANUARY 2009 ................................................................................................................................................ www.ti.com
Analog Switch Characteristics (continued)
TA = 25C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
0.8 V
6.19
1.1 V
0.39
CL = 50 pF, RL = 10 kΩ,
fin = 1 kHz (sine wave)
1.4 V
0.06
(see Figure 10)
1.65 V
0.02
2.3 V
0.01
Sine-wave distortion
COM or Y
Y or COM
%
0.8 V
3.55
1.1 V
0.38
CL = 50 pF, RL = 10 kΩ,
fin = 10 kHz (sine wave)
1.4 V
0.04
(see Figure 10)
1.65 V
0.02
2.3 V
0.02
for INH input, TA = 25C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Power dissipation
Cpd
f = 10 MHz
3
3
3
3
3
pF
capacitance
for A input, TA = 25C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Outputs
5.5
5.5
5.5
5.5
5.5
Power
enabled
Cpd dissipation
f = 10 MHz
pF
Outputs
capacitance
0.5
0.5
0.5
0.5
0.5
disabled
6
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUC2G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com