Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2336G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # OPA2336G-S08-R
Description  SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

OPA2336G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  OPA2336G-S08-R Datasheet HTML 1Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 2Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 3Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 4Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 5Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPA2336
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-392.a
PIN CONFIGURATION
1
2
3
4
5
6
7
8
V+
Out B
-In B
+In B
V-
+In A
-In A
Out A
A
B
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
OUTA
Output of channel A
2
-In A
Negative Input of channel A
3
+In A
Positive Input of channel A
4
V-
Ground
5
+In B
Positive Input of channel B
6
-in B
Negative Input of channel B
7
Out B
Output of channel B
8
V+
Power supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com