Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2336G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # OPA2336G-S08-R
Description  SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

OPA2336G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  OPA2336G-S08-R Datasheet HTML 1Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 2Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 3Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 4Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 5Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OPA2336
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-392.a
ELECTRICAL CHARACTERISTICS(Cont.)
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
VS=5V, G=1
100
kHZ
Slew Rate
SR
VS=5V, G=1
0.03
V/µs
Overload Recovery Time
VIN · G = VS
100
µs
OUTPUT
Voltage Output Swing from Rail (Note 2)
VOS
RL=100kΩ, AOL≥70dB
3
mV
Voltage Output Swing from Rail (Note 2)
RL=25kΩ, AOL≥90dB
20
100
mV
Over Temperature
RL=25kΩ, AOL≥90dB
100
mV
Voltage Output Swing from Rail (Note 2)
RL=5kΩ, AOL≥90dB
70
500
mV
Over Temperature
RL=5kΩ, AOL≥90dB
500
mV
Short-Circuit Current
ISC
±5
mA
Capacitive Load Drive
CLOAD
pF
POWER SUPPLY
Specified Voltage Range
VS
2.3
5.5
V
Minimum Operating Voltage
2.1
V
Quiescent Current (Per Amplifier)
IQ
IOUT=0
20
32
µA
Over Temperature
IOUT=0
36
µA
TEMPERATURE RANGE
Specified Range
-40
+85
°C
Operating Range
-55
+125
°C
Storage Range
-55
+125
°C
1. VS= +5V.
Note:
2. Output voltage swings are measured between the output and positive and negative power-supply rails.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com