Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2336G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # OPA2336G-S08-R
Description  SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

OPA2336G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  OPA2336G-S08-R Datasheet HTML 1Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 2Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 3Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 4Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 5Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
OPA2336
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-392.a
SINGLE-SUPPLY,
MICROPOWER CMOS
OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC OPA2336 is a CMOS operational amplifier. It is
operated on a 2.1V (Min.) single supply. A100kΩ load is driven by
the rail-to-rail output and the accuracy of the output voltage is
ensured at ± 3mV.
The UTC OPA2336 is characterized by its low quiescent current
(20μA/amplifier), low offset voltage (125μV max), low input bias
current (1pA), and high open-loop gain (115dB).
The UTC OPA2336 features completely independent circuitry
for lowest crosstalk and freedom from interaction.
The UTC OPA2336 is particularly designed for battery-powered
applications and the common-mode range extending to the negative
supply makes it ideal for single-supply applications.
In addition to the applications mentioned above, the UTC
OPA2336
is suitable for portable devices, high-Impedance
applications, photodiode, pre-amps, precision integrators, medical
instruments, and test equipment.
FEATURES
* Operating on a Single-Supply
* Rail-to-Rail Output (Accuracy: ± 3mv)
* Low Power Dissipation: IQ=20μA/Amplifier
* Low Offset Voltage up to 125μV (MAX.)
* Power Supply Specified from 2.3V to 5.5V
* Halogen Free
ORDERING INFORMATION
Ordering Number
Package
Packing
OPA2336G-S08-R
SOP-8
Tape Reel


Similar Part No. - OPA2336G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
OPA2336G-S08-R UTC-OPA2336G-S08-R Datasheet
168Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336G-S08-R UTC-OPA2336G-S08-R Datasheet
140Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2336G-S08-R

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com