Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2336G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # OPA2336G-S08-R
Description  SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

OPA2336G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  OPA2336G-S08-R Datasheet HTML 1Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 2Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 3Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 4Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 5Page - Unisonic Technologies OPA2336G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPA2336
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-392.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VS
7.5
V
Signal Input Terminals Voltage (Note 2)
VIT
(V-)-0.3~(V+)+0.3
V
Signal Input Terminals Current (Note 2)
IIT
10
mA
Output Short-Circuit (Note 3)
IOS
Continuous
A
Operating Junction Temperature
TOPR
-40~ +125
°C
Storage Temperature
TSTG
-55~ +125
°C
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Input terminals are diode-clamped to the power supply rails. Input signals that can swing more than 0.3V
beyond the supply rails should be current-limited to 10mA or less.
Note:
3. Short-circuit to ground, one amplifier per package.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
150
°C/W
ELECTRICAL CHARACTERISTICS
(At TA=+25°C, VS=+5V,RL=25kΩ connected to VS/2, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VI(OFF)
±60
±125
µV
Input Offset Voltage vs. Temperature
dVOS/dT
±1.5
µV/°C
Input Offset Voltage vs. Power Supply
PSRR
VS = 2.3V ~ 5.5V
25
100
µV/V
Over Temperature
VS = 2.3V ~ 5.5V
130
µV/V
Channel Separation, DC
0.1
µV/V
INPUT BIAS CURRENT
Input Bias Current
IBIAS
±1
±10
pA
Over Temperature
±60
pA
Input Offset Current
IO(OFF)
±1
±10
pA
NOISE
Input Voltage Noise, f = 0.1 ~ 10Hz
3
µVP-P
Input Voltage Noise Density, f = 1kHz
eN
40
nV/√Hz
Current Noise Density, f = 1kHz
iN
30
fA/√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
-0.2
(V+)-1
V
Common-Mode Rejection Ratio
CMRR
-0.2V<VCM<(V+)-1V
80
90
dB
Over Temperature
-0.2V<VCM<(V+)-1V
76
dB
INPUT IMPEDANCE
Differential
10
13||2
Ω||pF
Common-Mode
CM
10
13||4
Ω||pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL=25kΩ,
100mV<VOUT<(V+)-100mV
100
115
dB
Over Temperature
RL=25kΩ,
100mV<VOUT<(V+)-100mV
100
dB
Open-Loop Voltage Gain
AOL
RL=5kΩ,
500mV<VOUT <(V+)-500mV
90
106
dB
Over Temperature
RL=5kΩ,
500mV<VOUT <(V+)-500mV
90
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com