Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD1210C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MXD1210C/D
Description  Nonvolatile RAM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1210C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MXD1210C/D Datasheet HTML 1Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 2Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 3Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 4Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 5Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 6Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 7Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
The MXD1210 nonvolatile RAM controller is a very low-
power CMOS circuit that converts standard (volatile)
CMOS RAM into nonvolatile memory. It also continually
monitors the power supply to provide RAM write protec-
tion when power to the RAM is in a marginal (out-of-
tolerance) condition. When the power supply begins to
fail, the RAM is write protected, and the device switch-
es to battery-backup mode.
Applications
µP Systems
Computers
Embedded Systems
____________________________Features
o Battery Backup
o Memory Write Protection
o 230µA Operating-Mode Quiescent Current
o 2nA Backup-Mode Quiescent Current
o Battery Freshness Seal
o Optional Redundant Battery
o Low Forward-Voltage Drop on VCC Supply Switch
o 5% or 10% Power-Fail Detection Options
o Tests Battery Condition During Power-Up
o 8-Pin SO Available
______________Ordering Information
*Contact factory for dice specifications.
Nonvolatile RAM Controller
________________________________________________________________
Maxim Integrated Products
1
VCCI
FROM
DECODER
CE
1
2
7
6
3
4
5
8
VCCO
VBATT1
VBATT2
GND
CE
VCC
CMOS
RAM
MXD1210
+5V
__________Typical Operating Circuit
1
2
3
4
8
7
6
5
VBATT2
CEO
CE
GND
TOL
VBATT1
VCCO
MXD1210
DIP/SO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N.C.
VCCI
N.C.
VBATT2
VBATT1
N.C.
VCCO
N.C.
MXD1210
N.C.
CEO
N.C.
CE
GND
N.C.
TOL
N.C.
Wide SO
VCCI
TOP VIEW
19-0154; Rev 1; 3/96
PART
TEMP. RANGE
PIN-PACKAGE
MXD1210CPA
8 Plastic DIP
MXD1210CSA
8 SO
MXD1210CWE
0°C to +70°C
16 Wide SO
0°C to +70°C
0°C to +70°C
MXD1210C/D
Dice*
MXD1210ESA
-40°C to +85°C
8 SO
MXD1210EPA
-40°C to +85°C
8 Plastic DIP
MXD1210EWE
-40°C to +85°C
16 Wide SO
MXD1210MJA
-55°C to +125°C
8 CERDIP
0°C to +70°C
_________________Pin Configurations


Similar Part No. - MXD1210C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1210C MAXIM-MXD1210C Datasheet
199Kb / 9P
Nonvolatile RAM Controller
Rev 2; 11/05
MXD1210CPA MAXIM-MXD1210CPA Datasheet
199Kb / 9P
Nonvolatile RAM Controller
Rev 2; 11/05
MXD1210CSA MAXIM-MXD1210CSA Datasheet
199Kb / 9P
Nonvolatile RAM Controller
Rev 2; 11/05
MXD1210CWE MAXIM-MXD1210CWE Datasheet
199Kb / 9P
Nonvolatile RAM Controller
Rev 2; 11/05
More results

Similar Description - MXD1210C/D

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
Nonvolatile Static RAM
X22C12 XICOR-X22C12 Datasheet
60Kb / 12P
Nonvolatile Static RAM
logo
Dallas Semiconductor
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
Nonvolatile Timekeeping RAM
logo
Xicor Inc.
X2212 XICOR-X2212 Datasheet
361Kb / 8P
Nonvolatile Static RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
MXD1210 MAXIM-MXD1210_05 Datasheet
199Kb / 9P
Nonvolatile RAM Controller
Rev 2; 11/05
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
Nonvolatile Timekeeping RAM
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com