Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD1210C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MXD1210C/D
Description  Nonvolatile RAM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1210C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MXD1210C/D Datasheet HTML 1Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 2Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 3Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 4Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 5Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 6Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 7Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
______________ Detailed Description
Main Functions
The MXD1210 executes five main functions to perform
reliable RAM operation and battery backup (see
Typical Operating Circuit and Figure 1):
1. RAM Power-Supply Switch: The switch directs
power to the RAM from the incoming supply or
from the selected battery, whichever is at the
greater voltage. The switch control uses the same
criterion to direct power to MXD1210 internal
circuitry.
2. Power-Failure Detection: The write-protection func-
tion is enabled when a power failure is detected.
The power-failure detection range depends on the
state of the TOL pin as follows:
Power-failure detection is independent of the battery-
backup function and precedes it sequentially as the
power-supply voltage drops during a typical power
failure.
3. Write Protection: This holds the chip-enable output
(
CEO) to within 0.2V of V
CCI or of the selected bat-
tery, whichever is greater. If the chip-enable input
(
CE )is low (active) when power failure is detected,
then
CEO is held low until CE is brought high, at
which time
CEO is gated high for the duration of
the power failure. The preceding sequence com-
pletes the current RD/WR cycle, preventing data
corruption if the RAM access is a WR cycle.
4. Battery Redundancy: A second battery is optional.
When two batteries are connected, the stronger
battery is selected to provide RAM backup and to
power the MXD1210. The battery-selection circuitry
remains active while in the battery-backup mode,
selecting the stronger battery and isolating the
weaker one. The battery-selection activity is trans-
parent to the user and the system. If only one bat-
tery is connected, the second battery input should
be grounded.
5. Battery-Status Warning: This notifies the system
when the stronger of the two batteries measures
≤ 2.0V. Each time the MXD1210 is repowered
(VCCI > VCCTP) after detecting a power failure, the
battery voltage is measured. If the battery in use is
low, following the MXD1210 recovery period, the
device issues a warning to the system by inhibit-
ing the second memory cycle. The sequence is as
follows:
First access: read memory location n, loc(n) = x
Second access: write memory location n,
loc (n) = complement (x)
Third access: read memory location n, loc (n) = ?
If the third access (read) is complement (x), then the
battery is good; otherwise, the battery is not good.
Return to loc(n) = x following the test sequence.
Freshness-Seal Mode
The freshness-seal mode relates to battery longevity
during storage rather than directly to battery backup.
This mode is activated when the first battery is connect-
ed, and is defeated when the voltage at VCCI first
exceeds VCCTP. In the freshness-seal mode, both bat-
teries are isolated from the system; that is, no current is
drained from either battery, and the RAM is not pow-
ered by either battery. This means that batteries can be
installed and the system can be held in inventory with-
out battery discharge. The positive edge rate at
VBATT1 and VBATT2 should exceed 0.1V/
µs. The bat-
teries will maintain their full shelf-life while installed in
the system.
Battery Backup
The
Typical Operating Circuit shows the MXD1210 con-
nected in order to write protect the RAM when VCC is
less than 4.75V, and to provide battery backup to the
supply.
Nonvolatile RAM Controller
_______________________________________________________________________________________
5
CONDITION
VCCTP RANGE (V)
TOL = GND
4.75 to 4.50
TOL = VCCO
4.50 to 4.25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com