Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD1210C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MXD1210C/D
Description  Nonvolatile RAM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1210C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MXD1210C/D Datasheet HTML 1Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 2Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 3Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 4Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 5Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 6Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 7Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Nonvolatile RAM Controller
ELECTRICAL CHARACTERISTICS
(VCCI < VBATT; positive edge rate at VBATT1, VBATT2 > 0.1V/µs, TA = TMIN to TMAX; unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
(TA = TMIN to TMAX, unless otherwise noted.)
_______________________________________________________________________________________
3
VCC POWER TIMING CHARACTERISTICS
(VCCI = +4.75V to +5.5V, TOL = GND; or VCCI = +4.5V to +5.5V, TOL = VCCO; TA = TMIN to TMAX; unless otherwise noted.)
TIMING CHARACTERISTICS
(VCCI < +4.75V to +5.5V, TOL = GND; or VCCI < +4.5V , TOL = VCCO; TA = TMIN to TMAX; unless otherwise noted.)
Note 1: Only one battery input is required. Unused battery inputs must be grounded.
Note 2: ICCO1 is the maximum average load current the MXD1210 can supply to the memories.
Note 3: ICCO2 is the maximum average load current the MXD1210 can supply to the memories in battery-backup mode.
Note 4:
CEO can sustain leakage current only in battery-backup mode.
Note 5: Guaranteed by design.
Note 6: tCE max must be met to ensure data integrity on power loss.
25
20
VCC Slew-Rate Power-Down
µs
10
tFB
300
tF
ms
tREC
Recovery at Power-Up
Tolerance to battery power
To out-of-tolerance condition
µs
0
tR
VCC Slew-Rate Power-Up
µs
1.5
tCE
CE Pulse Width (Note 6)
UNITS
MIN
TYP
MAX
SYMBOL
CONDITIONS
PARAMETER
ns
510
20
tPD
CE Propagation Delay
MXD1210E
510
22
510
25
MXD1210C
MXD1210M
ns
0
tPF
UNITS
CE High to Power-Fail (Note 5)
RL = 1kΩ,
CL = 50pF
MIN
TYP
MAX
SYMBOL
CONDITIONS
PARAMETER
pF
7
COUT
Output Capacitance
pF
5
CIN
Input Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
CONDITIONS
PARAMETER
INPUT/OUTPUT CAPACITANCE (Note 5)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MXD1210C/E
UNITS
MXD1210M
5
µA
Output open
CEO Output Voltage
VO
VBATT - 0.2
V
VCCO, CEO open
VCCI = 0V
VBATT - VCCO ≤ 0.2V
Quiescent Current (Note 1)
IBATT
2
100
nA
Output Supply Current (Notes 3, 4)
ICCO2
300
µA
BATTERY-BACKUP MODE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com