Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD1210C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MXD1210C/D
Description  Nonvolatile RAM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXD1210C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MXD1210C/D Datasheet HTML 1Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 2Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 3Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 4Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 5Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 6Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 7Page - Maxim Integrated Products MXD1210C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Nonvolatile RAM Controller
4
_______________________________________________________________________________________
FUNCTION
Ground
Tolerance select pin
4
GND
3
TOL
Backed-up supply to RAM
Battery 1 positive connection
1
8-PIN DIP/SO
VCCO
2
VBATT1
Chip-enable input
5
CE
Chip-enable output
6
CEO
Battery 2 positive connection
7
VBATT2
5V power supply to chip
8
VCCI
No connect, not internally connected
–
N.C.
BATTERY
SELECT
BATTERY
TEST
P
P
VOLTAGE LEVEL
DETECTION
FRESHNESS-
SEAL MODE
CEO
CONTROL
P
P
N
VCCI
VBATT1
VBATT2
CE
TOL
VCCO
CEO
GND
GND
MXD1210
PIN
9
11
13
8
6
15
1, 3, 5, 7
10, 12, 14, 16
2
16-PIN WIDE SO
4
NAME
______________________________________________________________Pin Description
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com