Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB4 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PUSB3AB4
Description  ESD protection for ultra high-speed interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3AB4 Datasheet(HTML) 5 Page - NXP Semiconductors

  PUSB3AB4_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PUSB3AB4
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Objective data sheet
Rev. 1 — 25 August 2015
5 of 9
NXP Semiconductors
PUSB3AB4
ESD protection for ultra high-speed interfaces
9.
Soldering
Fig 2.
Reflow soldering footprint DFN2510A-10 (SOT1176-1)
SOT1176-1
Remark:
Stencil of 75 μm is recommended.
A stencil of 75 μm gives an aspect ratio of 0.77
With a stencil of 100 μm one will obtain an aspect ratio of 0.58
Footprint information for reflow soldering of DFN2510A-10 package
solder land plus solder paste
occupied area
solder land
solder paste deposit
solder resist
Hx
By
Hy
0.05
C
P
D
0.05
Ay
Dimensions in mm
Ay
By
C
D
Hy
1.25
0.3
0.475
0.2
P
0.5
1.5
Hx
2.45
Generic footprint pattern
Refer to the package outline drawing for actual layout
sot1176-1_fr



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com