Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUSB3AB4
Description  ESD protection for ultra high-speed interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3AB4 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUSB3AB4_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
The device is designed to protect high-speed interfaces such as SuperSpeed USB 3.1 at
10 Gbps, High-Definition Multimedia Interface (HDMI), DisplayPort, external Serial
Advanced Technology Attachment (eSATA) and Low Voltage Differential Signaling (LVDS)
interfaces against ElectroStatic Discharge (ESD).
The device includes a high-level ESD protection diode structure protecting sensitive
transmitters and receivers for ultra high-speed signal lines. The device is encapsulated in
a leadless small DFN2510A-10 (SOT1176-1) plastic package.
All signal lines are protected by a special diode configuration offering ultra low line
capacitance of only 0.2 pF maximum. These diodes utilize a snapback structure in order
to provide protection to downstream components from ESD voltages up to
15 kV contact
exceeding IEC 61000-4-2, level 4.
1.2 Features and benefits
System-level ESD protection for USB 2.0 and SuperSpeed USB 3.1 at 10 Gbps,
HDMI, DisplayPort, eSATA and LVDS
Line capacitance of only 0.2 pF maximum for each channel
Outstanding system protection: extremely deep snapback combined with dynamic
resistance of only 0.4
.
All signal lines with integrated rail-to-rail clamping diodes for downstream
ESD protection of
15 kV exceeding IEC 61000-4-2, level 4
Matched 0.5 mm trace spacing
Signal lines with
 0.05 pF matching capacitance between signal pairs
Design-friendly ‘pass-through’ signal routing
1.3 Applications
The device is designed for high-speed receiver and transmitter port protection:
Smartphones, tablet computers, Mobile Internet Devices (MID) and portable devices
TVs and monitors
DVD recorders and players
Notebooks, main board graphic cards and ports
Set-top boxes and game consoles
PUSB3AB4
ESD protection for ultra high-speed interfaces
Rev. 1 — 25 August 2015
Objective data sheet


Similar Part No. - PUSB3AB4_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3AB4Z NEXPERIA-PUSB3AB4Z  Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
Rev. 2 - 4 May 2016
PUSB3AB4 NEXPERIA-PUSB3AB4_V01 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
Rev. 2 - 4 May 2016
More results

Similar Description - PUSB3AB4_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
PUSB3FR4 PHILIPS-PUSB3FR4_15 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
Rev. 1-26 January 2015
PUSB3FR6 PHILIPS-PUSB3FR6_15 Datasheet
1Mb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1-25 February 2015
logo
Nexperia B.V. All right...
IP4292CZ10-TBR NEXPERIA-IP4292CZ10-TBR Datasheet
239Kb / 11P
ESD protection for ultra high-speed interfaces
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
ESD protection for ultra high-speed interfaces
PUSB3F4-TBR NEXPERIA-PUSB3F4-TBR Datasheet
479Kb / 15P
ESD protection for ultra high-speed interfaces
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
976Kb / 12P
ESD protection for ultra high-speed interfaces
PUSB3AB6 NEXPERIA-PUSB3AB6 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
PHDMI2AB4 NEXPERIA-PHDMI2AB4 Datasheet
811Kb / 14P
ESD protection for ultra high-speed interfaces
8 June 2018
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com