Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB4 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PUSB3AB4
Description  ESD protection for ultra high-speed interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3AB4 Datasheet(HTML) 3 Page - NXP Semiconductors

  PUSB3AB4_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PUSB3AB4
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Objective data sheet
Rev. 1 — 25 August 2015
3 of 9
NXP Semiconductors
PUSB3AB4
ESD protection for ultra high-speed interfaces
6.
Characteristics
[1]
This parameter is guaranteed by design.
[2]
100 ns Transmission Line Pulse (TLP); 50
; pulser at 80 ns.
[3]
According to IEC 61000-4-5 (8/20
s current waveform).
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snapback behavior strongly reduces the clamping voltage to the system behind the
ESD protection during an ESD event. Do not connect unlimited DC current sources to the
data lines to avoid keeping the ESD protection device in snap-back state after exceeding
breakdown voltage (due to an ESD pulse for instance).
7.
Application information
The device is designed to provide high-level ESD protection for high-speed serial
data buses such as HDMI, DisplayPort, eSATA and LVDS data lines.
When designing the PCB, give careful consideration to impedance matching and signal
coupling. Do not connect the signal lines to unlimited current sources like, for example, a
battery.
Table 5.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
II =1 mA
5.5
9
-
V
ILR
reverse leakage current per channel; VI =5V
-
<1
100
nA
VF
forward voltage
II = 1 mA
-0.7
-V
Cline
line capacitance
[1] -
0.17
0.2
pF
rdyn
dynamic resistance
TLP
[2]
positive transient
-
0.4
-
negative transient
-
0.4
-
Vsbck
snapback voltage
II = 1 A; TLP 100/10 ns
-
3.3
-
V
VCL
clamping voltage
IPP = 5 A; positive transient
[3] -4.5
-V
IPP = 5A;
negative transient
[3] -
4.5
-
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com