Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB4 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUSB3AB4
Description  ESD protection for ultra high-speed interfaces
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3AB4 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUSB3AB4_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3AB4_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PUSB3AB4
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Objective data sheet
Rev. 1 — 25 August 2015
2 of 9
NXP Semiconductors
PUSB3AB4
ESD protection for ultra high-speed interfaces
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
All pins to ground.
Table 1.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
not connected
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Transparent top view
10
9876
12345
aaa-019396
1245
3,8
=
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PUSB3AB4
DFN2510A-10
plastic extremely thin small outline package;
no leads; 10 terminals; body 1
 2.5  0.5 mm
SOT1176-1
Table 3.
Marking codes
Type number
Marking code
PUSB3AB4
AB
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0.5
+3.3
V
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4
[1]
contact discharge
15
+15
kV
air discharge
15
+15
kV
IPPM
rated peak pulse current
tp =8/20 s
77
A
Tamb
ambient temperature
40
+85
C
Tstg
storage temperature
55
+125
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com