Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR2EG-X-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCR2EG-X-S16-R
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2EG-X-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  RCR2EG-X-S16-R Datasheet HTML 1Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 2Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 3Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 4Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 5Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RCR2E
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-894.a
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VO2
GND
SI
OSCI
OSCO
RIGHT
LEFT
VI2
VO1
VI1
VDD
TURBO
FORWARD
15
16
RD
BACKWARD
LD
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
VO2
Output pin for the amplifier 2
2
GND
Negative power supply
3
SI
Input pin of the encoding signal
4
OSCI
Oscillator input pin
5
OSCO
Oscillator output pin
6
Right
Rightward output pin
7
Left
Leftward output pin
8
RD
With Pull-up resistor, rightward function disabled if this pin connected to GND
9
LD
With Pull-up resistor, leftward function disabled if this pin connected to GND
10
Backward
Backward output pin
11
Forward
Forward output pin
12
Turbo
Turbo output pin
13
VCC
Positive power supply
14
VI1
Input pin for the amplifier 1
15
VO1
Output pin for the amplifier 1
16
VI2
Input pin for the amplifier 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com