Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR2EG-X-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCR2EG-X-S16-R
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2EG-X-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  RCR2EG-X-S16-R Datasheet HTML 1Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 2Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 3Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 4Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 5Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RCR2E
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., LTD
QW-R502-894.a
DECODER FOR REMOTE
CONTROLLER WITH FIVE
FUNCTIONS
DESCRIPTION
The UTC RCR2E provides a complete control
functions to the remote-controlled toy.
The UTC RCR2E has five output pins corresponding
with the five actions. The received signals are amplified by
the three-stage amplifier, and than the appropriate
amplified signals are sampled, fault-tolerantly checked
and
decoded
to
control
the
actions
of
the
remote-controlled toy.
There is an internal oscillator in the UTC RCR2E
respectively. By adding an external resistor conveniently,
the oscillator will be constructed. The oscillator frequency
can be adjusted by the external resistor. The relative error
between the frequencies of the two on-chip oscillators in
the UTC RCR2E must be less than ±25%.
The auto-power-off function is achieved by an internal
counter. The PC output is used to control on/off state of
the external power supply. Pressing OFF button can also
shut down the power supply. Press on any function button
will wake up the chip promptly
FEATURES
* The UTC RCR2E works as decoder
* RCR2E-A have not ZENER
RCR2E-B built-in 3.6V ZENER
* Five Pins for five control functions
* Operating power-supply voltage:
SOP-16: 2.0V ~ 5.0V, DIP-16: 2.5V ~ 5.0V
* Auto-power-off if no press on any button in 8s or
continuously press on any button over 4 minutes
* Manual-power-off with OFF button
* On-chip oscillator with an external resistor
* On-chip reversing amplifiers
* Low operating current
ORDERING INFORMATION
Order Number
Package
Packing
Lead Free
Halogen Free
RCR2EL-x-D16-T
RCR2EG-x-D16-T
DIP-16
Tube
RCR2EL-x-S16-T
RCR2EG-x-S16-T
SOP-16
Tube
RCR2EL-x-S16-R
RCR2EG-x-S16-R
SOP-16
Tape Reel
RCR2EL-x-S16-T
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Free
(1) T: Tube, R: Tape Reel
(2) S16: SOP-16, D16: DIP-16
(3) x: refer to ICC
(4) L: Lead Free, G: Halogen Free


Similar Part No. - RCR2EG-X-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results

Similar Description - RCR2EG-X-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
Encoder For Remote Controller With Five Functions CMOS IC
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com