Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR2EG-X-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # RCR2EG-X-S16-R
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2EG-X-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  RCR2EG-X-S16-R Datasheet HTML 1Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 2Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 3Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 4Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 5Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RCR2E
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-894.a
CODE FORMAT
(W1 is used for function codes, W2 for start codes)
W1
W2
W1: 1kHz 50% Duty Cycle Typical
W2: 500Hz 75% Duty
Cycle Typical
WORD FORMAT
Start Code: 4W2
Function Code: n ' W1
1 Word
ENCODING AND DECODING TIMING
W2, W2, W2, W2, (n)xW1, W2, W2, W2, W2, (n)xW1, W2, W2, W2, W2, (n)xW1, W2, W2, W2, W2, (n)xW1
9ms
9ms
Function Codes
End Codes
Decoding Output
from
UTC RCR2E
ENCODING INPUT AND DECODING RESULT
Number of Function Codes (n) W1
Decoding Results
4
End Code
10
Forward (Pulse)
16
Forward (High level)
22
Turbo
28
Forward (High level) & Left
34
Forward (High level) & Right
40
Backward
46
Backward & Right
52
Backward & Left
58
Left
64
Right



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com