Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR2EG-X-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RCR2EG-X-S16-R
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2EG-X-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  RCR2EG-X-S16-R Datasheet HTML 1Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 2Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 3Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 4Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 5Page - Unisonic Technologies RCR2EG-X-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RCR2E
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-894.a
ABSOLUTE MAXIMUM RATING
(Above which the useful life may be impaired. For user guidelines, not tested)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage to Ground Potential
(Inputs & Vcc Only)
-0.5 ~ +6.0
V
Supply Voltage to Ground Potential
(Outputs & D/O Only)
-0.5 ~ +6.0
V
DC Input Voltage
VIN
-0.5 ~ +6.0
V
DC Output Current
VDD
20
mA
Ambient Temperature with Power Applied
TA
-10 ~ +40
°C
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
-25 ~ 85
°C
Note: Stresses greater than those listed under ABSOLUTE MAXIUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
DIP-16
VCC
2.5
4.0
5.0
V
SOP-16
2.0
5.0
Supply Current
RCR2E-A
ICC
Output unloaded
0.5
mA
RCR2E-B
15
mA
Input Low Voltage
VIL
Guaranteed Logic LOW
level
0.3×VCC
V
Input High Voltage
VIH
Guaranteed Logic HIGH
level
0.7×VCC
V
Input Low Current
Pin 3, 8, 9
IIL
VIL=0V, ON state
-60
μA
Input High Current
Pin 3
IIH
VIH=4V, ON state
60
μA
Pin 8, 9
10
Input Current
Pin 14, 16
II
VIH=0~4V, ON state
±10
μA
Output Low Current
Pin 1, 5, 15
IOL
VOUT=0.5V
200
850
μA
Pin 6, 7, 10, 11,12
2
mA
Output High Current
Pin 1, 5, 15
IOH
VOUT=3.5V
-200
-850
μA
Pin 6, 7, 10, 11,12
-500
Note: Over the Operating Rating, 0°C<TA<70°C, VCC = 4V.
AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Frequency (Note 2)
fOSC
TA=25°C
102
128
154
kHz
Oscillator Frequency
Fluctuation
DIP-16
fMAX-fMIN
TA=25°C, VCC=2.5~5V
TA=25°C, VCC=2.0~5V
15
kHz
SOP-16
10
SI Pin Receive Sensitivity (Vpp)
VSI
Guaranteed Effective
Decoding
300
mV
Cycle Time of Function Code
tFUN
fOSC=128kHz
0.75
1
1.25
ms
Cycle Time of Start Code
tSTA
fOSC=128kHz
1.5
2
2.5
ms
Note: 1. Over the Operating Rating, 0°C<TA<70°C, VCC = 4V.
2. The relative error between the frequencies of the two on-chip oscillators in the UTC RCR2E must be less
than ±25%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com