Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102-100QPWREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 4 Page - Texas Instruments

  TPL0102-100QPWREP Datasheet HTML 1Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 2Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 3Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 4Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 5Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 6Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 7Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TPL0102-EP
SLIS149 – JUNE 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
VDD to GND
–0.3
7
V
VSS to GND
Supply voltage
–7
0.3
V
VDD to VSS
7
V
VH, VL, VW
Voltage at resistor pins
VSS – 0.3
VDD + 0.3
V
VI
Digital input voltage
–0.3
VDD + 0.3
V
Pulse current
±20
mA
IH, IL, IW
Continuous current
±2
mA
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Single supply operation (VSS = 0 V)
2.7
5.5
VDD, VSS
V
Dual supply operation
±2.25
±2.75
VH, VL
Pin voltage
VSS
VDD
V
VIH
Voltage input high (SCL, SDA, A0, A1, A2)
0.7 × VDD
5.5
V
VIL
Voltage input low (SCL, SDA, A0, A1, A2)
0
0.3 × VDD
V
IW
Wiper current
±2
mA
TJ
Junction temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com