Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102-100QPWREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 10Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 11Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 12Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 13Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 14Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 15Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 16Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Start
Address (1010 _ _ _)
0
Ack
Register Addr
Ack
Start
Address (1010_ _ _)
0
Ack
Register Addr
Ack
reStart
Address (1010_ _ _)
1
Ack
First Read Data Byte
Ack
I
2C Write to A Register
I
2C Read From A Register
From Processor to DPOT
From DPOT to Processor
Data1
Ack
Stop
Last Read Data Byte
noAck
Stop
Ack
Ack
DataN
TPL0102-EP
www.ti.com
SLIS149 – JUNE 2014
8.3 Feature Description
Table 1. Summary of Features
Feature
TPL0102-EP
Number of potentiometers
2
Digital interface
I2C
Steps
256
Wiper memory
Non-volatile
Taper
Linear
End-to-end resistance
100 k
Ω
End-to-end resistance tolerance
20%
Wiper resistance
25
Ω (typ)
8.3.1 Potentiometer Pin Description
8.3.1.1 HA, HB, LA, LB
The high (HA, HB) and low (LA, LB) pins of the TPL0102-EP are equivalent to the fixed pins of a mechanical
potentiometer. The H and L pins do not have any polarity restrictions, i.e. H can be at a higher voltage than L, or
L can be at a higher voltage than H. The WA and WB pins are the wipers and equivalent to the movable pin of a
mechanical potentiometer. The position of the wiper is set using the WR register. With the WR register set to 255
decimal, the wiper is closest to the H pin, and with the WR register set to 0, the wiper is closest to the L pin.
8.3.1.2 SDA, SCL
SDA is a bi-directional serial data input/output pin for I2C communication. SDA is an open drain output and
requires an external pull-up resistor.
SCL is the serial clock input for I2C communication. SCL requires an external pull-up resistor.
8.3.1.3 A0, A1, A2
These inputs are used to set the last three bits of the I2C address of the device. By using different values for A0,
A1, A2, up to eight TPL0102-EP devices can be used on the same I2C bus.
Figure 13. I2C Interface
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com